Electronic Components Datasheet Search
  English  ▼

X  

LT1500 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1500
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500 Datasheet(HTML) 2 Page - Linear Technology

  LT1500 Datasheet HTML 1Page - Linear Technology LT1500 Datasheet HTML 2Page - Linear Technology LT1500 Datasheet HTML 3Page - Linear Technology LT1500 Datasheet HTML 4Page - Linear Technology LT1500 Datasheet HTML 5Page - Linear Technology LT1500 Datasheet HTML 6Page - Linear Technology LT1500 Datasheet HTML 7Page - Linear Technology LT1500 Datasheet HTML 8Page - Linear Technology LT1500 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1500/LT1501
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................ 20V
Switch Voltage (SW) ............................................... 30V
Shutdown Voltage (SHDN) ...................................... 20V
ISENSE Voltage.......................................................... 20V
FB Voltage ................................................................. 5V
LBI Voltage ................................................................ 5V
LBO Voltage ............................................................. 15V
Operating Ambient Temperature Range
Commercial ............................................. 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Operating Junction Temperature Range
Commercial ........................................... 0
°C to 100°C
Industrial .......................................... – 40
°C to 100°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
TJMAX = 100°C, θJA = 100°C/ W
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
LT1500CS-3/5
LT1500IS-3/5
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS T
J = 25°C, VIN = 2.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback/Output Pin Reference Voltage
LT1500/LT1501, TJ = 25°C
1.240
1.265
1.290
V
All Conditions (Note 6)
q
1.235
1.295
V
LT1500-3/5, Select Pin Open
3.230
3.300
3.370
V
All Conditions (Note 6)
q
3.200
3.400
V
LT1500-3/5, Select Pin Grounded
4.900
5.000
5.100
V
All Conditions (Note 6)
q
4.85
5.15
V
Reference Voltage Line Regulation
VIN = 2.3V to 15V
q
0.02
0.06
%/V
Feedback Pin Bias Current
q
30
100
nA
TJMAX = 100°C, θJA = 100°C/ W
LT1500CS
LT1500IS
TJMAX = 100°C, θJA = 120°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
FB/OUT
LBI
LBO
SW
SHDN
VIN
ISENSE
GND
S8 PACKAGE
8-LEAD PLASTIC SO
LT1501CS8
LT1501CS8-3.3
LT1501CS8-5
LT1501IS8
LT1501IS8-3.3
LT1501IS8-5
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SHDN
VC
VIN
ISENSE
NC
GND
PGND
FB
NFB
SS
LBI
LBO
SYNC
SW
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SHDN
VC
VIN
ISENSE
NC
GND
PGND
VOUT (3.3V/5V)
SELECT
SS
LBI
LBO
SYNC
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com