Electronic Components Datasheet Search
  English  ▼

X  

LT1500 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1500
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500 Datasheet(HTML) 1 Page - Linear Technology

  LT1500 Datasheet HTML 1Page - Linear Technology LT1500 Datasheet HTML 2Page - Linear Technology LT1500 Datasheet HTML 3Page - Linear Technology LT1500 Datasheet HTML 4Page - Linear Technology LT1500 Datasheet HTML 5Page - Linear Technology LT1500 Datasheet HTML 6Page - Linear Technology LT1500 Datasheet HTML 7Page - Linear Technology LT1500 Datasheet HTML 8Page - Linear Technology LT1500 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1500/LT1501
Adaptive-Frequency
Current Mode
Switching Regulators
FEATURES
DESCRIPTION
The LT®1500 is an adaptive-frequency current mode step-
up switching regulator with an internal power switch that
is rated up to 700mA. In contrast to pulse skipping
switching regulators, the LT1500 uses a current mode
topology that provides lower noise operation and im-
proved efficiency. Only at very light loads is Burst ModeTM
activated to give high efficiency and micropower opera-
tion. High switching frequency (up to 500kHz) allows very
small inductors to be used, along with ceramic capacitors
if desired.
The LT1500 operates with input voltages from 1.8V to 15V
and has only 200
µA operating current dropping to 8µA in
shutdown. A low-battery comparator is included which
stays alive in shutdown. A second output feedback pin
with negative polarity allows negative output voltages to
be regulated when the switcher is connected up as a Cuk
or a flyback converter.
Two package types are available. The LT1500 comes in a
14-pin SO package, with two options available for fixed
output (3.3V or 5V) or adjustable operation. A reduced
feature part, the LT1501, comes in the smaller 8-pin SO
package with internal frequency compensation. It is also
available in adjustable and fixed output voltage versions.
I
Low Noise Adaptive-Frequency Current Mode
Operation Avoids Low Frequency Noise at
Most Load Currents
I
Can Be Externally Synchronized (LT1500)
I
Micropower Quiescent Current: 200
µA
I
Shutdown Current: 8
µA Typ
I
Internal Loop Compensation
I
Low-Battery Comparator Active in Shutdown
I
Minimum Input Voltage: 1.8V Typ
I
Additional Negative Voltage Feedback Pin (LT1500)
I
Up to 500kHz Switching Frequency
I
Uses Low Profile, Low Cost Surface Mount Inductors
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
I
Portable Instrumentation
I
Battery Operated Systems
I
PDA’s
I
Standby Power
APPLICATIONS
TYPICAL APPLICATION
2-Cell to 5V Converter
SHDN
VIN
LBO
LBI
SW
ISENSE
GND
OUT
LT1501-5
+
1nF
301k
1%
301k
1%
LOW-BATTERY FLAG
(USE EXTERNAL PULL-UP)
33
µF*
6V
+ 220µF**
10V
TANT
2 EACH
NiCd OR
ALKALINE
CELLS
22
µH†
5V, 200mA
LT1500/01 • TA01
AVX, TPSC107M006R0150
AVX, TPSD107M010 R0100
SUMIDA CD73-220, CD54-220
OR CD43-220. SELECT ACCORDING
TO MAXIMUM LOAD CURRENT
*
**
†
D1
MBR0520L
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LT1500

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1500 LINER-LT1500 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1500CS LINER-LT1500CS Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1500CS-3 LINER-LT1500CS-3 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1500CS-5 LINER-LT1500CS-5 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1500IS LINER-LT1500IS Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
More results

Similar Description - LT1500

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1500 LINER-LT1500 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
logo
Maxim Integrated Produc...
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
High frequency rectification (switching regulators, converters, choppers).
SB10-05A3-BT SANYO-SB10-05A3-BT Datasheet
77Kb / 3P
High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
High frequency rectification (switching regulators, converters, choppers).
logo
Linear Technology
LT1501 LINER-LT1501_15 Datasheet
374Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
logo
ON Semiconductor
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com