Electronic Components Datasheet Search
  English  ▼

X  

LT1500 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1500
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500 Datasheet(HTML) 4 Page - Linear Technology

  LT1500 Datasheet HTML 1Page - Linear Technology LT1500 Datasheet HTML 2Page - Linear Technology LT1500 Datasheet HTML 3Page - Linear Technology LT1500 Datasheet HTML 4Page - Linear Technology LT1500 Datasheet HTML 5Page - Linear Technology LT1500 Datasheet HTML 6Page - Linear Technology LT1500 Datasheet HTML 7Page - Linear Technology LT1500 Datasheet HTML 8Page - Linear Technology LT1500 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1500/LT1501
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Feedback pin or output is held sightly above the regulated value to
force the VC node low and switching to stop.
Note 2: See Typical Performance Characteristics for graph of Guaranteed
Switch Voltage vs Saturation Voltage.
Note 3: Peak switch current is the guaranteed minimum value of switch
current available in normal operation. Highest calculated switch current at
full load should not exceed the minimum value shown.
Note 4: Loading on FB pin will affect NFB reference voltage.
∆VNFB = IFB/gm.
Do not exceed 10
µA loading on FB when NFB is being used.
Note 5: This is the delay between sense pin current reaching its upper or
lower threshold and switch transition. Switch delay times cause peak-to-
peak inductor current to increase and therefore switching frequency to be
low. This effect will be significant for frequencies above 100kHz. See
Application Information and Typical Performance Characteristics.
Note 6: Reference voltage under all conditions includes VIN = 2.1V to 15V,
all loads and full temperature range.
Note 7: As with all boost regulators the output voltage of the LT1500
cannot fall to less than input voltage because of the path through the catch
diode. This means that the output voltage divider on adjustable parts will
still be generating feedback voltage at the FB pin (fixed voltage parts have
an internal switch to disconnect the divider in shutdown). If the voltage on
FB is greater than 0.6V in shutdown, the internal error amplifier will draw
current that adds to shutdown current. See graph of Shutdown Current vs
FB voltage in Typical Performance Characteristics.
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
(3.3V Output)
LOAD CURRENT (mA)
0
50
100
10
100
1000
150
200
250
300
LTC1500/01 • TPC20
10
µH
20
µH
50
µH
100
µH
BURST REGION
VIN = 2.3V
Switching Frequency (5V Output)
LOAD CURRENT (mA)
0
50
100
10
100
1000
150
200
250
300
LTC1500/01 • TPC21
10
µH
20
µH
50
µH
100
µH
BURST REGION
VIN = 3V
Switching Frequency (12V Output)
LOAD CURRENT (mA)
025
50
75
1000
100
10
100 125 150 175
200
LTC1500/01 • TPC22
10
µH
50
µH
20
µH
100
µH
BURST REGION
VIN = 5V
Efficiency (3.3V Output)
LOAD CURRENT (mA)
1
100
90
80
70
60
50
40
30
10
100
1000
LTC1500/01 • TPC17
TJ = 25°C
VIN = 2.3V
LOW LOSS INDUCTOR
L = 100
µH
L = 10
µH
L = 33
µH
Efficiency (5V Output)
LOAD CURRENT (mA)
1
100
90
80
70
60
50
40
30
10
100
1000
LTC1500/01 • TPC18
VIN = 3V
LOW LOSS INDUCTOR
L = 100
µH
L = 10
µH
L = 33
µH
Efficiency (12V Output)
LOAD CURRENT (mA)
1
100
90
80
70
60
50
40
30
10
100
1000
LTC1500/01 • TPC19
VIN = 5V
LOW LOSS INDUCTOR
L = 100
µH
L = 10
µH
L = 33
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com