Electronic Components Datasheet Search
  English  ▼

X  

AN2606 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 55Page - STMicroelectronics AN2606 Datasheet HTML 56Page - STMicroelectronics AN2606 Datasheet HTML 57Page - STMicroelectronics AN2606 Datasheet HTML 58Page - STMicroelectronics AN2606 Datasheet HTML 59Page - STMicroelectronics AN2606 Datasheet HTML 60Page - STMicroelectronics AN2606 Datasheet HTML 61Page - STMicroelectronics AN2606 Datasheet HTML 62Page - STMicroelectronics AN2606 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 155 page
background image
DocID13801 Rev 21
59/155
AN2606
STM32F05xxx and STM32F030x8 devices bootloader
154
12
STM32F05xxx and STM32F030x8 devices bootloader
12.1
Bootloader configuration
The STM32F05xxx and STM32F030x8 devices bootloader is activated by applying pattern2
(described in Table 2: Bootloader activation patterns). The following table shows the
hardware resources used by this bootloader.
The system clock is derived from the embedded internal high-speed RC, no external quartz
is required for the bootloader execution.
Note:
After the STM32F05xxx and STM32F030x8 devices have booted in bootloader mode, the
serial wire debug (SWD) communication is no more possible until the system is reset,
because SWD uses PA14 pin (SWCLK) which is already used by the bootloader
(USART2_TX).
Table 26. STM32F05xxx and STM32F030x8 devices configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI Enabled
The system clock frequency is 24 MHz
(using PLL clocked by HSI).
1 Flash Wait State.
RAM
-
2 Kbytes starting from address 0x20000000
are used by the bootloader firmware.
System memory
-
3 Kbytes starting from address
0x1FFFEC00, contain the bootloader
firmware.
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value. It is periodically refreshed to prevent
watchdog reset in case the hardware IWDG
option was previously enabled by the user.
USART1
bootloader
USART1
Enabled
Once initialized, the USART1 configuration
is 8 bits, even parity and 1 Stop bit.
USART1_RX pin
Input
PA10 pin: USART1 in reception mode.
USART1_TX pin
Output
PA9 pin: USART1 in transmission mode.
USART2
bootloader
USART2
Enabled
Once initialized, the USART2 configuration
is 8 bits, even parity and 1 Stop bit.
USART2_RX pin
Input
PA15 pin: USART2 in reception mode.
USART2_TX pin
Output
PA14 pin: USART2 in transmission mode.
USART1 and
USART2
bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com