Electronic Components Datasheet Search
  English  ▼

X  

AN2606 Datasheet(PDF) 96 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 92Page - STMicroelectronics AN2606 Datasheet HTML 93Page - STMicroelectronics AN2606 Datasheet HTML 94Page - STMicroelectronics AN2606 Datasheet HTML 95Page - STMicroelectronics AN2606 Datasheet HTML 96Page - STMicroelectronics AN2606 Datasheet HTML 97Page - STMicroelectronics AN2606 Datasheet HTML 98Page - STMicroelectronics AN2606 Datasheet HTML 99Page - STMicroelectronics AN2606 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 155 page
background image
STM32F318xx devices bootloader
AN2606
96/155
DocID13801 Rev 21
The system clock is derived from the embedded internal high-speed RC, no external quartz
is required for the bootloader execution.
22.2
Bootloader selection
The figure below shows the bootloader selection mechanism.
Figure 29. Bootloader selection for STM32F318xx
I2C3 bootloader
I2C3
Enabled
The I2C3 configuration is:
I2C speed: up to 400 KHz, 7-bit
address,slave mode, analog filter ON.
Slave 7-bit address: 0b0111101x (where x =
0 for write and x = 1 for read) and digital
filter disabled.
I2C3_SCL pin
Input/Output
PA8 pin: clock line is used in open-drain
mode.
I2C3_SDA pin
Input/Output
PB5 pin: data line is used in open-drain
mode.
Table 48. STM32F318xx configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com