Electronic Components Datasheet Search
  English  ▼

X  

AN2606 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 16Page - STMicroelectronics AN2606 Datasheet HTML 17Page - STMicroelectronics AN2606 Datasheet HTML 18Page - STMicroelectronics AN2606 Datasheet HTML 19Page - STMicroelectronics AN2606 Datasheet HTML 20Page - STMicroelectronics AN2606 Datasheet HTML 21Page - STMicroelectronics AN2606 Datasheet HTML 22Page - STMicroelectronics AN2606 Datasheet HTML 23Page - STMicroelectronics AN2606 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 155 page
background image
General bootloader description
AN2606
20/155
DocID13801 Rev 21
To use the I2C bootloader, connect the host (master) and the desired I2Cx interface (slave)
together via the data (SDA) and clock (SCL) pins. A 1.8 KOhm pull-up resistor has to be
connected to both (SDA) and (SCL) lines.
Figure 3. I2C Connection
Note:
+V typically 3.3 V.This value depends on the application and the used hardware.
To use the SPI bootloader, connect the host (master) and the desired SPIx interface (slave)
together via the (MOSI), (MISO) and (SCK) pins. The (NSS) pin must be connected to
(GND). A pull-down resistor should be connected to the (SCK) line.
Figure 4. SPI Connection
Note:
R value typically 10KOhm. This value depends on the application and the used hardware.
To use the CAN interface, the host has to be connected to the (RX) and (TX) pins of the
desired CANx interface via CAN transceiver and a serial cable. A 120 Ohm resistor should
be added as terminating resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com