Electronic Components Datasheet Search
  English  ▼

X  

AN2606 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 15Page - STMicroelectronics AN2606 Datasheet HTML 16Page - STMicroelectronics AN2606 Datasheet HTML 17Page - STMicroelectronics AN2606 Datasheet HTML 18Page - STMicroelectronics AN2606 Datasheet HTML 19Page - STMicroelectronics AN2606 Datasheet HTML 20Page - STMicroelectronics AN2606 Datasheet HTML 21Page - STMicroelectronics AN2606 Datasheet HTML 22Page - STMicroelectronics AN2606 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 155 page
background image
DocID13801 Rev 21
19/155
AN2606
General bootloader description
154
3.3
Hardware connection requirements
To use the USART bootloader, the host has to be connected to the (RX) and (TX) pins of the
desired USARTx interface via a serial cable.
Figure 1. USART Connection
1. A Pull-UP resistor should be added, if pull-up resistor are not connected in host side.
2. An RS232 transceiver must be connected to adapt voltage level (3.3V - 12V) between STM32 device and
host.
Note:
+V typically 3.3 V and R value typically 100KOhm.This value depend on the application and
the used hardware.
To use the DFU, connect the microcontroller's USB interface to a USB host (i.e. PC).
Figure 2. USB Connection
1. This additional circuit permits to connect a Pull-Up resistor to (DP) pin using VBus when needed. Refer to
product section (Table which describes STM32 Configuration in system memory boot mode) to know if an
external pull-up resistor must be connected to (DP) pin.
Note:
+V typically 3.3 V.This value depends on the application and the used hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com