Electronic Components Datasheet Search
  English  ▼

X  

AN2606 Datasheet(PDF) 75 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 71Page - STMicroelectronics AN2606 Datasheet HTML 72Page - STMicroelectronics AN2606 Datasheet HTML 73Page - STMicroelectronics AN2606 Datasheet HTML 74Page - STMicroelectronics AN2606 Datasheet HTML 75Page - STMicroelectronics AN2606 Datasheet HTML 76Page - STMicroelectronics AN2606 Datasheet HTML 77Page - STMicroelectronics AN2606 Datasheet HTML 78Page - STMicroelectronics AN2606 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 155 page
background image
DocID13801 Rev 21
75/155
AN2606
STM32F42xxx/43xxx devices bootloader
154
The system clock is derived from the embedded internal high-speed RC for USARTx and
I2Cx bootloaders. This internal clock is also used for CAN and DFU (USB FS Device) but
only for the selection phase. An external clock multiple of 1 MHz (between 4 and 26 MHz) is
required for CAN and DFU bootloader execution after the selection phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com