Electronic Components Datasheet Search
  English  ▼

X  

AN2646 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 7Page - STMicroelectronics AN2646 Datasheet HTML 8Page - STMicroelectronics AN2646 Datasheet HTML 9Page - STMicroelectronics AN2646 Datasheet HTML 10Page - STMicroelectronics AN2646 Datasheet HTML 11Page - STMicroelectronics AN2646 Datasheet HTML 12Page - STMicroelectronics AN2646 Datasheet HTML 13Page - STMicroelectronics AN2646 Datasheet HTML 14Page - STMicroelectronics AN2646 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
AN2646 - Application note
ISO 7816-3 – electronic signal and transmission protocol
11/43
4.1
Card power-up and reset
When a card is inserted into a reader, no power is applied to any of the contacts. The chip
on the card could be seriously damaged by applying power to the wrong contacts, and this
situation could easily occur if a card were inserted across powered contact points. The
contacts remain unpowered until an edge detector determines that the card is properly
aligned with the contact points to within some acceptable (for the reader) mechanical
tolerance.
When the reader detects that the card is properly inserted, power is applied to the card.
First, the contacts are brought to a coherent idle state, as shown in Table 3. A reset signal is
then sent to the card via the RST contact line. The idle state occurs when the power (VCC)
contact is brought up to a normal, stable operating voltage of 5 V. An initial power setting of
5 V is always applied first, even though some microprocessor chips being introduced
operate at 3 V when in an I/O state. The I/O contact is set to a reception mode on the reader
side and a stable clock (CLK) is applied. The reset line is in a low state. It must remain in a
low state for at least 40 000 CLK cycles before a valid reset sequence can be started by the
reader, raising the reset line to a high state.
Figure 5.
Answer to reset
1.
t3 = 40 000 clock cycles.
2.
ATR must be issued by card between 400 clock cycles and 40 000 clock cycles after RST goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com