Electronic Components Datasheet Search
  English  ▼

X  

AN2646 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 35Page - STMicroelectronics AN2646 Datasheet HTML 36Page - STMicroelectronics AN2646 Datasheet HTML 37Page - STMicroelectronics AN2646 Datasheet HTML 38Page - STMicroelectronics AN2646 Datasheet HTML 39Page - STMicroelectronics AN2646 Datasheet HTML 40Page - STMicroelectronics AN2646 Datasheet HTML 41Page - STMicroelectronics AN2646 Datasheet HTML 42Page - STMicroelectronics AN2646 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
AN2646 - Application note
Conclusion
41/43
8
Conclusion
Using the STM8S UART1’s smartcard mode that supports the ISO 7816-3/4 specification,
you can develop a smartcard-based application with reduced firmware and hardware
resources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43