Electronic Components Datasheet Search
  English  ▼

X  

AN2646 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 12Page - STMicroelectronics AN2646 Datasheet HTML 13Page - STMicroelectronics AN2646 Datasheet HTML 14Page - STMicroelectronics AN2646 Datasheet HTML 15Page - STMicroelectronics AN2646 Datasheet HTML 16Page - STMicroelectronics AN2646 Datasheet HTML 17Page - STMicroelectronics AN2646 Datasheet HTML 18Page - STMicroelectronics AN2646 Datasheet HTML 19Page - STMicroelectronics AN2646 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
ISO 7816-3 – electronic signal and transmission protocol
AN2646 - Application note
16/43
4.3
Answer to reset (ATR)
Once an RST signal is sent from the reader to the card, the card must respond with the first
character of the ATR within 40 000 CLK cycles. The card might not respond with an ATR for
a number of reasons, the most prevalent being that the card is inserted incorrectly into the
reader (probably upside down). In some instances, the card may not be functioning because
it has been damaged or broken. Whatever the case, if the ATR is not returned within the
prescribed time, the reader should begin a sequence to power down the card. During this
sequence, the reader sets the RST, CLK, and I/O lines low and drops voltage on the VCC
line to nominal 0 (that is, less than 0.4 V).
The ATR is a string of characters returned from the card to the reader following the
successful completion of the power-up sequence. As defined in ISO/IEC 7816-3, the ATR
consists of 33 or fewer characters comprising the following elements:
●
TS - a mandatory initial character
●
T0 - a mandatory format character
●
TAi TBi TCi TDi - optional interface characters
●
T1, T2,TK - optional historical characters
●
TCK - a conditional check character
The historical characters can be defined at the discretion of the card manufacturer or the
card issuer. These characters are typically used to convey some type of designation of the
type, model, and use of this specific card. When used in this way, the historical characters
provide a mechanism through which systems can automatically detect the use of an
inserted card (within that system) and can initiate other actions (or software) accordingly.
The check character provides a mechanism through which the integrity of the ATR can be
measured; that is, whether a transmission error has occurred in sending the characters from
the card to the reader.
The structure of the ATR is illustrated in Table 7. As discussed previously, the initial TS
character is used to establish the bit-signaling and bit-ordering conventions between the
reader and the card. The T0 character is used to signal the presence or absence of
subsequent interface characters or historical characters. The interface characters are used
to tailor the characteristics of the I/O channel, including the specific protocol used by the
card and reader during subsequent exchange of commands (from the reader to the card)
and responses (from the card to the reader). The historical characters, if present, are used
to convey card-manufacturer-specific information from the card to the read, and hence to the
application system being served by the reader. There is really no established standard for
the information presented in the historical bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com