Electronic Components Datasheet Search
  English  ▼

X  

AN2646 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 16Page - STMicroelectronics AN2646 Datasheet HTML 17Page - STMicroelectronics AN2646 Datasheet HTML 18Page - STMicroelectronics AN2646 Datasheet HTML 19Page - STMicroelectronics AN2646 Datasheet HTML 20Page - STMicroelectronics AN2646 Datasheet HTML 21Page - STMicroelectronics AN2646 Datasheet HTML 22Page - STMicroelectronics AN2646 Datasheet HTML 23Page - STMicroelectronics AN2646 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
ISO 7816-4 – smartcard commands
AN2646 - Application note
20/43
The ACK byte is a repeat of the INS byte from the command TPDU. If the response does not
reach the reader within a specified time, the reader may initiate an RST sequence to restart
the protocol between the reader and the card. This can be prevented if the reader receives
at least one NULL byte from the card. SW1 informs the reader of the result of the requested
instruction. The values allowed for SW1 are defined as part of the application protocol.
Some instructions require the card to send data to the reader. In this case SW2 is returned
to the reader, triggering the reader to execute a GetResponse command. The card will then
return the data bytes generated by the execution of the previous command.
5.2
Application-level protocols
The ISO 7816-4 standard addresses two areas of functionality for application software:
●
File system: a set of functions is provided in the form of an API. By using this API
application software on the reader side can access files in the file system.
●
Security functions: these can be used to limit access to application software or to files
on the card.
The T0 protocol is used to support application-level protocols between the smartcard
application and the reader application. These application protocols exchange data
structures called application protocol data units (APDUs). The following diagram illustrates
this architecture:
Figure 6.
Application communication architecture
The APDU structure defined by ISO 7816-4 is very similar to the TPDU structure used in the
T0 protocol. In fact, when an APDU is transported by the T0 protocol, the elements of the
APDU directly overlay the elements of the TPDU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com