Electronic Components Datasheet Search
  English  ▼

X  

AN2646 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 8Page - STMicroelectronics AN2646 Datasheet HTML 9Page - STMicroelectronics AN2646 Datasheet HTML 10Page - STMicroelectronics AN2646 Datasheet HTML 11Page - STMicroelectronics AN2646 Datasheet HTML 12Page - STMicroelectronics AN2646 Datasheet HTML 13Page - STMicroelectronics AN2646 Datasheet HTML 14Page - STMicroelectronics AN2646 Datasheet HTML 15Page - STMicroelectronics AN2646 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ISO 7816-3 – electronic signal and transmission protocol
AN2646 - Application note
12/43
4.2
Data transfer
Data transfer between the reader and the card occurs through the concerted action of two of
the contact lines: CLK and I/O. The I/O line conveys a single bit of information per unit of
time as defined by the CLK depending on its voltage relative to GND. A 1 bit can be
conveyed either through a +5 V value or through a 0 V value. The actual convention used is
determined by the card and is conveyed to the reader through the "initial character" of the
ATR, which is referenced as TS. To transfer 1 byte of information, 10 bits are actually moved
across the I/O line; the first is always a "start bit" and the last is always a parity bit used to
convey even parity. Considering that the I/O line can be (in one bit period) either in a high
(H) state or a low (L) state, the TS character of the form HLHHLLLLLLH signals that the card
wants to use the "inverse convention," meaning that H corresponds to a 0 and L
corresponds to a 1. A TS character of the form HLHHLHHHLLH signals that the card wants
to use the "direct convention," meaning that H corresponds to a 1 and L corresponds to a 0.
The direct convention and the inverse convention also control the bit ordering with each byte
transferred between the card and the reader. In the direct convention, the first bit following
the start bit is the low-order bit of the byte. Successively higher-order bits follow in
sequence. In the inverse convention, the first bit following the start bit is the high-order bit of
the byte. Successively lower-order bits follow in sequence. Parity for each byte transferred
should be even; this means that the total number of 1 bits in the byte, including the parity bit,
must be an even number.
The I/O line comprises a half-duplex channel; that is, either the card or the reader can
transmit data over the same channel, but they both cannot be transmitting at the same time.
So as part of the power-up sequence, both the reader and the card enter a receive state in
which they are listening to the I/O line. With the start of the reset operation, the reader
remains in the receive state while the card must enter a send state in order to send the ATR
back to the reader. From this point on, the two ends of the channel alternate between send
states and receive states. With a half-duplex channel, there is no reliable way for either end
to asynchronously change a state from send to receive or from receive to send. Rather, if
this is desired, that end must go into a receive state and allow a timeout of the operation in
progress; then a reader end will always try to re-establish a known sequence by re-entering
a send state. The CLK and I/O lines can support a wide variety of data transmission speeds.
The specific speed is defined by the card and is conveyed back to the reader through an
optional character in the ATR. The transmission speed is set through the establishment of
one bit time on the I/O line, which means that an interval is established at which the I/O line
may be sampled in order to read a bit and then each successive bit. This time is defined as
an elementary time unit (ETU) and is established through a linear relationship between
several factors. Note that the TS character is returned before any definition of the ETU can
be made. This is possible because the ETU during the ATR sequence is always specified to
be ETU0=372/(CLK frequency) where the CLK frequency is always between 1 MHz and 5
MHz; in fact, the frequency is almost always selected such that the initial data transfer rate is
9,600 bits per second.
This initial etu is used during answer to reset and is replaced by the work etu during
subsequent transmission. F is the clock rate conversion factor and D is the bit rate
adjustment factor used to determine the work etu in subsequent transmissions.
For internal clock cards:
initial etu = 1/9600 s
work etu = (1/D)*(1/9600) s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com