Electronic Components Datasheet Search
  English  ▼

X  

LT8312 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8312 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8312 Datasheet HTML 3Page - Linear Technology LT8312 Datasheet HTML 4Page - Linear Technology LT8312 Datasheet HTML 5Page - Linear Technology LT8312 Datasheet HTML 6Page - Linear Technology LT8312 Datasheet HTML 7Page - Linear Technology LT8312 Datasheet HTML 8Page - Linear Technology LT8312 Datasheet HTML 9Page - Linear Technology LT8312 Datasheet HTML 10Page - Linear Technology LT8312 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LT8312
7
8312f
For more information www.linear.com/LT8312
block DiagraM
14
1.22V
A7
A4
M2
VIN
R10
R1
R5
R9
R11
R13
R14
R3
VOUT
R4
R6
8312 BD
DRIVER
GATE
15
SENSE
Q
S
S
R
MASTER
LATCH
MULTIPLIER
CURRENT
COMPARATOR
OSCILLATOR
GND
1, 2, 3, 7, 8
13
INTVCC
M1
C5
C3
C2
C6
L1
VIN
R2
A1
ONE
SHOT
V
600MV
Q1
+–
–
+
START-UP
INTERNAL REG
A3
A6
A8
1.22V
VC
C4
6
FB
9
VREF
R8
4
OVP
5
EN/UVLO
12
DCM
10
VIN(SENSE)
16
11
C1
L2
D2
D1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com