Electronic Components Datasheet Search
  English  ▼

X  

LT8312 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8312 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8312 Datasheet HTML 4Page - Linear Technology LT8312 Datasheet HTML 5Page - Linear Technology LT8312 Datasheet HTML 6Page - Linear Technology LT8312 Datasheet HTML 7Page - Linear Technology LT8312 Datasheet HTML 8Page - Linear Technology LT8312 Datasheet HTML 9Page - Linear Technology LT8312 Datasheet HTML 10Page - Linear Technology LT8312 Datasheet HTML 11Page - Linear Technology LT8312 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LT8312
8
8312f
For more information www.linear.com/LT8312
operaTion
The LT8312 is a power factor correction boost controller
IC. It provides high power factor and low harmonic distor-
tion in applications with current mode control and critical
conduction mode.
Active power factor correction is becoming a require-
ment for offline power supplies. A power factor of one is
achieved if the current drawn is proportional to the input
voltage. The LT8312 modulates the peak current limit with
a scaled version of the input voltage. This technique can
provide power factors of 0.97 or greater.
The Block Diagram shows an overall view of the system.
The external components are in a boost topology configu-
ration. The auxiliary winding supplies power to the part in
steady-state operation. The VIN pin supplies power to an
internal LDO that generates 10V at the INTVCC pin. The
control circuitry consists of an error amplifier, a multiplier,
a current comparator, and a master latch, which will be
explained in the following sections. A comparator is used
to detect discontinuous conduction mode (DCM) with a
cap connected to the auxiliary winding. The part features
a 1.9A gate driver.
The LT8312 is designed for off-line applications. The
EN/UVLO and a resistor divider are configured for a
micropower hysteretic start-up. In the Block Diagram, R2
is used to stand off the high voltage supply voltage. The
internal LDO starts to supply current to the INTVCC pin
when VIN is above 2.5V. The VIN and INTVCC capacitor
are charged by the current from R2. When VIN exceeds
the turn-on threshold and INTVCC is in regulation at 10V,
the part begins to switch. The VIN hysteresis is set by the
EN/UVLO resistor divider. The auxiliary winding provides
power to VIN when its voltage is higher than the VIN volt-
age. A voltage shunt is provided for fault protection and
can sink 8mA of current when VIN is over 40V.
During a typical cycle, the gate driver turns the external
MOSFET on and a current flows through the inductor.
This current increases at a rate proportional to the input
voltage.Thecontrolloopdeterminesthemaximumcurrent
and the current comparator turns the switch off when the
current level is reached. When the switch turns off, the
inductor current begins to flow through the diode con-
nected to the output capacitor. This current decreases at
a rate proportional to the difference between the output
voltage and the input voltage. When the current decreases
to zero, the output diode turns off and the voltage on the
drain of the MOSFET starts to oscillate from the parasitic
capacitance and the inductor. The auxiliary winding has
the same voltage across it as the main inductor and rings
too. The capacitor connected to the DCM pin, C1, trips the
comparator A2, which serves as a dv/dt detector, when
the ringing occurs. The dv/dt detector waits for the ringing
waveform to reach its minimum value and then the switch
turns back on. This switching behavior is similar to zero
volt switching and minimizes the amount of energy lost
when the switch is turned back on and improves efficiency
as much as 5%. Since this part operates on the edge of
continuous conduction mode and discontinuous conduc-
tionmode,theoperatingmodeiscalledcriticalconduction
mode (or boundary conduction mode).
The output voltage is regulated with a resistor divider
connected to the FB pin. The output of the error amplifier
is the VC pin. This node needs a capacitor to compensate
the control loop.
Power Factor Correction
When the VIN(SENSE) pin is connected to the supply volt-
age with a resistor, the current limit is proportional to the
supply voltage. If the LT8312 is configured with a fast
control loop, the VC pin would adjust to the changes of the
VIN(SENSE). The only way for the multiplier to function is
to set the control loop to be an order of magnitude slower
than the fundamental frequency of the VIN(SENSE) signal.
In an offline application, the fundamental frequency of
the supply voltage is 120Hz so the control loop unity gain
frequency needs to be set less than approximately 12Hz.
Start-Up
The LT8312 uses a hysteretic start-up to operate from
high offline voltages. A resistor connected to the supply
voltage protects the part from high voltages. This resistor
is connected to the VIN pin on the part and bypassed with
a capacitor. When the resistor charges the VIN pin to a
turn-on voltage set with the EN/UVLO resistor divider and
the INTVCC pin is at its regulation point, the part begins to
switch. The resistor cannot provide power for the part in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com