Electronic Components Datasheet Search
  English  ▼

X  

LT8312 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8312 Datasheet(HTML) 1 Page - Linear Technology

  LT8312 Datasheet HTML 1Page - Linear Technology LT8312 Datasheet HTML 2Page - Linear Technology LT8312 Datasheet HTML 3Page - Linear Technology LT8312 Datasheet HTML 4Page - Linear Technology LT8312 Datasheet HTML 5Page - Linear Technology LT8312 Datasheet HTML 6Page - Linear Technology LT8312 Datasheet HTML 7Page - Linear Technology LT8312 Datasheet HTML 8Page - Linear Technology LT8312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LT8312
1
8312f
For more information www.linear.com/LT8312
Typical applicaTion
FeaTures
DescripTion
Boost Controller with
Power Factor Correction
The LT®8312 is a power factor correction (PFC) boost
controller. A LT8312-based design can achieve a power
factor of greater than 0.99 by actively modulating the input
current, allowing compliance with most Harmonic Current
Emission requirements.
The LT8312 is well suited for a wide variety of off-line
applications. The input range can be scaled up or down,
depending mainly on the choice of external components.
Efficiencies higher than 95% can be achieved with output
power levels up to 250W.
applicaTions
n
PFC Boost with Minimum Number of External Com-
ponents
n
VIN and VOUT Limited Only by External Components
n
Active Power Factor Correction
n
Low Harmonic Distortion
n
Overvoltage Protection
n
Energy Star Compliant (<0.5W No-Load Operation)
n
16-Lead MSOP Package
n
Industrial
n
Aviation
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Efficiency
90V
TO 265V
AC
0.1µF
B1
GBU404
10µF
2.2µF
499k
499k
1M
95.3k
560µF
×2
VOUT
400V
0.5A
4.7pF
4.7µF
100k
221k
100k
100k
2k
1M
1M
9.53k
0.01
8312 TA01a
D3
D4
CMR5H-06
D2 20
20
4:1
•
•
VIN
VIN_SENSE
FB
GATE
EN/UVLO
DCM
LT8312
VC
SENSE
VREF
OVP
GND
INTVCC
POWER (W)
0
40
80 100
20
60
120 140 160
8312 G01
91
92
94
93
95
97
96
98
99
115VAC
230VAC 50Hz
Universal Input 200W PFC Boost Converter


Similar Part No. - LT8312

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8310 LINER-LT8310 Datasheet
425Kb / 36P
100VIN Forward Converter Controller
LT8310 LINER-LT8310_15 Datasheet
425Kb / 36P
100VIN Forward Converter Controller
LT8311 LINER-LT8311 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
logo
Analog Devices
LT8311 AD-LT8311 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
logo
Linear Technology
LT8311 LINER-LT8311_15 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
More results

Similar Description - LT8312

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
Power Factor Correction Controller IC
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
FAN7527B Power Factor Correction Controller
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com