Electronic Components Datasheet Search
  English  ▼

X  

LT8312 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8312 Datasheet(HTML) 5 Page - Linear Technology

  LT8312 Datasheet HTML 1Page - Linear Technology LT8312 Datasheet HTML 2Page - Linear Technology LT8312 Datasheet HTML 3Page - Linear Technology LT8312 Datasheet HTML 4Page - Linear Technology LT8312 Datasheet HTML 5Page - Linear Technology LT8312 Datasheet HTML 6Page - Linear Technology LT8312 Datasheet HTML 7Page - Linear Technology LT8312 Datasheet HTML 8Page - Linear Technology LT8312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LT8312
5
8312f
For more information www.linear.com/LT8312
Typical perForMance characTerisTics
THD vs Output Power
Power Factor vs Output Power
Maximum VIN Shunt Current
vs Temperature
TEMPERATURE (°C)
–50
0
50
75
–25
25
100 125 150
8312 G10
5
6
7
8
9
10
POWER (W)
0
40
80 100
20
60
120 140 160
8312 G11
0
10
30
20
40
50
60
115VAC
230VAC 50Hz
POWER (W)
0
40
80 100
20
60
120 140 160
8312 G12
0.60
0.65
0.75
0.70
0.80
0.95
0.90
0.85
1.00
115VAC
230VAC 50Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com