Electronic Components Datasheet Search
  English  ▼

X  

LT8312 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8312
Description  Boost Controller with Power Factor Correction
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8312 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8312 Datasheet HTML 6Page - Linear Technology LT8312 Datasheet HTML 7Page - Linear Technology LT8312 Datasheet HTML 8Page - Linear Technology LT8312 Datasheet HTML 9Page - Linear Technology LT8312 Datasheet HTML 10Page - Linear Technology LT8312 Datasheet HTML 11Page - Linear Technology LT8312 Datasheet HTML 12Page - Linear Technology LT8312 Datasheet HTML 13Page - Linear Technology LT8312 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LT8312
14
8312f
For more information www.linear.com/LT8312
LINEAR TECHNOLOGY CORPORATION 2015
LT 0115 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT8312
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LT3798
Off-Line Isolated No Opto Flyback Controller with Active PFC VIN and VOUT Limited Only By External Components
LT3752/
LT3752-1
Active Clamp Synchronous Forward Controllers with Internal
Housekeeping Controller
Input Voltage Range: LT3752: 6.5V to 100V, LT3752-1: Limited Only By
Eternal Components
LT3753
Active Clamp Synchronous Forward Controller
Input Voltage Range: 8.5V to 100V
LT8311
Synchronous Rectifier Controller with Opto-Coupler Driver
for Forward Converters
Optimized for Use with Primary-Side LT3752/LT3752-1, LT3753 and
LT8310 Controllers
LT3748
100V Isolated Flyback Controller
5V ≤ VIN ≤ 100V, No Opto Flyback, MSOP-16 with High Voltage Spacing
LTC®3765/
LTC3766
Synchronous No Opto Forward Controller Chip Set with
Active Clamp Reset
Direct Flux Limit, Supports Self Starting Secondary Forward Control
LTC3723-1/
LTC3723-2
Synchronous Push-Pull and Full-Bridge Controllers
High Efficiency with On-Chip MOSFET Drivers, Adjustable Synchronous
Rectification Timing
LTC3722/
LTC3722-2
Synchronous Full Bridge Controllers
Adaptive or Manual Delay Control for Zero Voltage Switching, Adjustable
Synchronous Rectification Timing
90V
TO 265V
AC
0.1µF
10µF
2.2µF
499k
499k
1M
95.3k
560µF
×2
VOUT
400V
0.5A
4.7pF
4.7µF
100k
221k
100k
100k
2k
1M
1M
9.53k
0.01
8312 TA04
D3
D4
D2 20
20
4:1
•
•
VIN
VIN_SENSE
FB
GATE
EN/UVLO
DCM
LT8312
VC
SENSE
VREF
OVP
GND
INTVCC
Universal Input 200W PFC Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com