Electronic Components Datasheet Search
  English  ▼

X  

LTC1665 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1665
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1665 Datasheet HTML 4Page - Linear Technology LTC1665 Datasheet HTML 5Page - Linear Technology LTC1665 Datasheet HTML 6Page - Linear Technology LTC1665 Datasheet HTML 7Page - Linear Technology LTC1665 Datasheet HTML 8Page - Linear Technology LTC1665 Datasheet HTML 9Page - Linear Technology LTC1665 Datasheet HTML 10Page - Linear Technology LTC1665 Datasheet HTML 11Page - Linear Technology LTC1665 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC1665/LTC1660
8
166560fa
BLOCK DIAGRAM
PIN FUNCTIONS
GND (Pin 1): System Ground.
VOUT A to VOUT H (Pins 2-5 and 12-15): DAC Analog Volt-
age Outputs. The output range is
0to
255
256
⎛
⎝⎜
⎞
⎠⎟
VREF for the LTC1665
0to
1023
1024
⎛
⎝⎜
⎞
⎠⎟
VREF for the LTC1660
REF (Pin 6): Reference Voltage Input. 0V ≤ VREF ≤ VCC.
CS/LD (Pin 7): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on
DIN into the register. When CS/LD is pulled high, SCK is
disabled and data is loaded from the shift register into the
specified DAC register(s), updating the analog output(s).
CMOS and TTL compatible.
SCK (Pin 8): Serial Interface Clock Input. CMOS and TTL
compatible.
DIN (Pin 9): Serial Interface Data Input. Data on the DIN
pin is shifted into the 16-bit register on the rising edge of
SCK. CMOS and TTL compatible.
DOUT (Pin 10): Serial Interface Data Output. Data appears
on DOUT 16 positive SCK edges after being applied to DIN.
May be tied to DIN of another LTC1665/LTC1660 for daisy-
chain operation. CMOS and TTL compatible.
CLR (Pin 11): Asynchronous Clear Input. All internal shift
and DAC registers are cleared to zero at the falling edge of
the CLR signal, forcing the analog outputs to zero scale.
CMOS and TTL compatible.
VCC (Pin 16): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.
(LTC1665/LTC1660)
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
DOUT
DIN
166560 BD
16
DAC A
DAC H
3
14
DAC B
DAC G
4
13
DAC C
DAC F
5
7
6
8
10
11
9
12
DAC D
DAC E
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com