Electronic Components Datasheet Search
  English  ▼

X  

LTC1665 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1665
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665 Datasheet(HTML) 1 Page - Linear Technology

  LTC1665 Datasheet HTML 1Page - Linear Technology LTC1665 Datasheet HTML 2Page - Linear Technology LTC1665 Datasheet HTML 3Page - Linear Technology LTC1665 Datasheet HTML 4Page - Linear Technology LTC1665 Datasheet HTML 5Page - Linear Technology LTC1665 Datasheet HTML 6Page - Linear Technology LTC1665 Datasheet HTML 7Page - Linear Technology LTC1665 Datasheet HTML 8Page - Linear Technology LTC1665 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC1665/LTC1660
1
166560fa
BLOCK DIAGRAM
FEATURES
DESCRIPTION
Micropower Octal
8-Bit and 10-Bit DACs
The 8-bit LTC®1665 and 10-bit LTC1660 integrate eight
accurate, serially addressable digital-to-analog convert-
ers (DACs) in tiny 16-pin narrow SSOP packages. Each
buffered DAC draws just 56μA total supply current, yet
is capable of supplying DC output currents in excess
of 5mA and reliably driving capacitive loads to 1000pF.
Sleep mode further reduces total supply current to 1μA.
LinearTechnology’sproprietary,inherentlymonotonicvolt-
age interpolation architecture provides excellent linearity
whileallowingforanexceptionallysmallexternalformfactor.
Ultralow supply current, power-saving Sleep mode and
extremely compact size make the LTC1665 and LTC1660
ideal for battery-powered applications, while their ease
of use, high performance and wide supply range make
them excellent choices as general purpose converters.
LTC1665 Differential Nonlinearity (DNL)
LTC1660 Differential Nonlinearity (DNL)
APPLICATIONS
n Tiny: 8 DACs in the Board Space of an SO-8
n Micropower: 56μA per DAC Plus
1μA Sleep Mode for Extended Battery Life
n Pin Compatible 8-Bit LTC1665 and 10-Bit LTC1660
n Wide 2.7V to 5.5V Supply Range
n Rail-to-Rail Voltage Outputs Drive 1000pF
n Reference Range Includes Supply for Ratiometric
0V-to-VCC Output
n Reference Input Impedance is Constant—
Eliminates External Buffer
n Mobile Communications
n Remote Industrial Devices
n Automatic Calibration for Manufacturing
n Portable Battery-Powered Instruments
n Trim/Adjust Applications
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
DOUT
DIN
166560 BD
16
DAC A
DAC H
3
14
DAC B
DAC G
4
13
DAC C
DAC F
5
7
6
8
10
11
9
12
DAC D
DAC E
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
CODE
0
64
128
192
255
166560 G09
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
VCC = 5V
VREF = 4.096V
CODE
0
256
512
768
1023
166560 G13
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 5V
VREF = 4.096V


Similar Part No. - LTC1665

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1665 LINER-LTC1665 Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665C LINER-LTC1665C Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665CGN LINER-LTC1665CGN Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665CN LINER-LTC1665CN Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665I LINER-LTC1665I Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
More results

Similar Description - LTC1665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391 AD-AD7391 Datasheet
342Kb / 12P
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV.0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV.A
logo
Linear Technology
LTC1665 LINER-LTC1665 Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Analog Devices
AD7390 AD-AD7390 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
logo
Linear Technology
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
Octal 12-/10-/8-Bit I2C VOUT DACs Reference
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
Octal 12-/10-/8-Bit SPI VOUT DACs
04/18-REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com