Electronic Components Datasheet Search
  English  ▼

X  

LTC1665 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1665
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665 Datasheet(HTML) 3 Page - Linear Technology

  LTC1665 Datasheet HTML 1Page - Linear Technology LTC1665 Datasheet HTML 2Page - Linear Technology LTC1665 Datasheet HTML 3Page - Linear Technology LTC1665 Datasheet HTML 4Page - Linear Technology LTC1665 Datasheet HTML 5Page - Linear Technology LTC1665 Datasheet HTML 6Page - Linear Technology LTC1665 Datasheet HTML 7Page - Linear Technology LTC1665 Datasheet HTML 8Page - Linear Technology LTC1665 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC1665/LTC1660
3
166560fa
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.7V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
LTC1665
LTC1660
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Accuracy
Resolution
l
8
10
Bits
Monotonicity
VREF ≤ VCC – 0.1V (Note 2)
l
8
10
Bits
DNL
Differential Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
l
± 0.1
±0.5
±0.2
±0.75
LSB
INL
Integral Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
l
±0.2
±1.0
±0.6
±2.5
LSB
VOS
Offset Error
(Note 7)
l
±10
±30
±10
±30
mV
VOS Temperature Coefficient
l
±15
±15
μV/°C
FSE
Full-Scale Error
VCC = 5V, VREF = 4.096V
l
±1
±4
±3
±15
LSB
Full-Scale Error Temperature Coefficient
l
±30
±30
μV/°C
PSR
Power Supply Rejection
VREF = 2.5V
0.045
0.18
LSB/V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
Input Voltage Range
l
0VCC
V
Resistance
Not in Sleep Mode
l
35
65
kΩ
Capacitance
(Note 6)
15
pF
IREF
Reference Current
Sleep Mode
l
0.001
1
μA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
VCC = 3V (Note 3)
Sleep Mode (Note 3)
l
l
l
450
340
1
730
530
3
μA
μA
μA
DC Performance
Short-Circuit Current Low
VOUT = 0V, VCC = 5.5V, VREF = 5.1V, Code = Full
Scale
l
10
30
100
mA
Short-Circuit Current High
VOUT = VCC = 5.5V, VREF = 5.1V, Code = 0
l
10
27
120
mA
AC Performance
Voltage Output Slew Rate
Rising (Notes 4, 5)
Falling (Notes 4, 5)
0.60
0.25
V/μs
V/μs
Voltage Output Settling Time
To ±0.5LSB (Notes 4, 5)
30
μs
Capacitive Load Driving
1000
pF
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.7V to 5.5V
VCC = 2.7V to 3.6V
l
l
2.4
2.0
V
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.7V to 5.5V
l
l
0.8
0.6
V
V
VOH
Digital Output High Voltage
IOUT = –1mA, DOUT Only
l
VCC – 1
V
VOL
Digital Output Low Voltage
IOUT = 1mA, DOUT Only
l
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
l
±10
μA
CIN
Digital Input Capacitance
(Note 6)
l
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com