Electronic Components Datasheet Search
  English  ▼

X  

LTC1665 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1665
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1665 Datasheet HTML 5Page - Linear Technology LTC1665 Datasheet HTML 6Page - Linear Technology LTC1665 Datasheet HTML 7Page - Linear Technology LTC1665 Datasheet HTML 8Page - Linear Technology LTC1665 Datasheet HTML 9Page - Linear Technology LTC1665 Datasheet HTML 10Page - Linear Technology LTC1665 Datasheet HTML 11Page - Linear Technology LTC1665 Datasheet HTML 12Page - Linear Technology LTC1665 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC1665/LTC1660
9
166560fa
TIMING DIAGRAM
DIN
DOUT
CS/LD
SCK
A3
A3
A3
A2
A2
X1
A1
X0
166560 F01
A1
X1
X0
t2
t8
t9
t11
t5
t7
t6
t1
t3
t4
Figure 1
OPERATION
Transfer Function
The transfer function is:
VOUT(IDEAL) =
k
256
⎛
⎝⎜
⎞
⎠⎟
VREF for the LTC1665
VOUT(IDEAL) =
k
1024
⎛
⎝⎜
⎞
⎠⎟
VREF for the LTC1660
where k is the decimal equivalent of the binary DAC input
code and VREF is the voltage at REF (Pin 6).
Power-On Reset
The LTC1665 clears the outputs to zero scale when power
is first applied, making system initialization consistent
and repeatable.
Power Supply Sequencing
The voltage at REF (Pin 6) should be kept within the range
– 0.2V ≤ VREF ≤ VCC + 0.2V (see Absolute Maximum Rat-
ings). Particular care should be taken to observe these
limits during power supply turn-on and turn-off sequences,
when the voltage at VCC (Pin 16) is in transition.
Serial Interface
Referring to Figure 2a (2b): With CS/LD held low, data
on the DIN input is shifted into the 16-bit shift register on
the positive edge of SCK. The 4-bit DAC address, A3-A0,
is loaded first (see Table 2), then the 8-bit (10-bit) input
code, D7-D0 (D9-D0), ordered MSB-to-LSB in each case.
Four (two) don’t-care bits, X3-X0 (X1-X0), are loaded last.
When the full 16-bit input word has been shifted in, CS/LD
is pulled high, loading the DAC register with the word
and causing the addressed DAC output(s) to update. The
clock is disabled internally when CS/LD is high. Note: SCK
must be low before CS/LD is pulled low.
The buffered serial output of the shift register is available
on the DOUT pin, which swings from GND to VCC. Data
appears on DOUT 16 positive SCK edges after being ap-
plied to DIN.
Multiple LTC1665/LTC1660’s can be controlled from a
single 3-wire serial port (i.e., SCK, DIN and CS/LD) by
using the included “daisy-chain” facility. A series of m
chips is configured by connecting each DOUT (except the
last) to DIN of the next chip, forming a single 16m-bit
shift register. The SCK and CS/LD signals are common
to all chips in the chain. In use, CS/LD is held low while m
16-bit words are clocked to DIN of the first chip; CS/LD
is then pulled high, updating all of them simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com