Electronic Components Datasheet Search
  English  ▼

X  

LTC1665 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1665
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665 Datasheet(HTML) 5 Page - Linear Technology

  LTC1665 Datasheet HTML 1Page - Linear Technology LTC1665 Datasheet HTML 2Page - Linear Technology LTC1665 Datasheet HTML 3Page - Linear Technology LTC1665 Datasheet HTML 4Page - Linear Technology LTC1665 Datasheet HTML 5Page - Linear Technology LTC1665 Datasheet HTML 6Page - Linear Technology LTC1665 Datasheet HTML 7Page - Linear Technology LTC1665 Datasheet HTML 8Page - Linear Technology LTC1665 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC1665/LTC1660
5
166560fa
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum VOUT
vs Load Current (Output Sinking)
Large-Signal Step Response
Supply Current vs Temperature
Supply Current
vs Logic Input Voltage
Midscale Output Voltage
vs Load Current
Midscale Output Voltage
vs Load Current
Minimum Supply Headroom
vs Load Current (Output Sourcing)
(LTC1665/LTC1660)
IOUT (mA)
–30
–20
–10
0
10
20
30
166560 G01
3
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2
VCC = 4.5V
VCC = 5V
VCC = 5.5V
VREF = VCC
CODE = 128 (LTC1665)
CODE = 512 (LTC1660)
SINK
SOURCE
IOUT (mA)
–15
– 4
–8
–12
0
4
8
12 15
166560 G02
2
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
VCC = 2.7V
VCC = 3V
VCC = 3.6V
VREF = VCC
CODE = 128 (LTC1665)
CODE = 512 (LTC1660)
SINK
SOURCE
02468
10
166560 G03
1400
1200
1000
800
600
400
200
0
–55°C
25°C
125°C
VREF = 4.096V
ΔVOUT < 1LSB
CODE = 255 (LTC1665)
CODE = 1023 (LTC1660)
|I
OUT
| (mA) (SOURCING)
|I
OUT
| (mA) (SINKING)
02468
10
166560 G04
1400
1200
1000
800
600
400
200
0
–55°C
25°C
125°C
VCC = 5V
CODE = 0
TIME (μs)
0
20406080
100
166560 G05
5
4
3
2
1
0
10% TO
90% STEP
VCC = VREF = 5V
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
166560 G06
500
480
460
440
420
400
380
360
340
320
300
VCC = 5.5V
VCC = 4.5V
VCC = 3.6V
VCC = 2.7V
LOGIC INPUT VOLTAGE (V)
012345
166560 G07
2
1.6
1.2
0.8
0.4
0
ALL DIGITAL INPUTS
SHORTED TOGETHER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com