Electronic Components Datasheet Search
  English  ▼

X  

AN3123 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3123
Description  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3123 Datasheet HTML 7Page - STMicroelectronics AN3123 Datasheet HTML 8Page - STMicroelectronics AN3123 Datasheet HTML 9Page - STMicroelectronics AN3123 Datasheet HTML 10Page - STMicroelectronics AN3123 Datasheet HTML 11Page - STMicroelectronics AN3123 Datasheet HTML 12Page - STMicroelectronics AN3123 Datasheet HTML 13Page - STMicroelectronics AN3123 Datasheet HTML 14Page - STMicroelectronics AN3123 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AN3123
Clock source and frequency
Doc ID 16862 Rev 2
11/30
3
Clock source and frequency
The reference clock provided to the UART has a frequency ranging from 1.42 MHz to 542.72
MHz.
An auxiliary clock source can also be selected using the Auxiliary clock synthesizer
registers. These are a group of read / write registers in the Miscellaneous register block
which can be used to enable an auxiliary source clock for some of the SPEAR's internal
peripherals, including the UART. The clock synthesizer is a digital signal generator. It is used
to act as a fractional clock divider.
3.1
Clock related registers
●
In SPEAr320S the PERIPHERAL CLOCK CONFIGURE REGISTER is a R/W register
used to select the UART0 peripheral clock source. The UARTCLK_sel bit in this
register allows you to select the UART0 clock source as follows:
–
‘0’
48 MHz (default clock)
–
‘1’
UART0 Clock Synthesizer
●
In SPEAR320S the RASCFG CONTROL REGISTER and ExtControl_Reg are R/W
registers providing 6 control bits used to select the peripheral clock sources for UART1
..6 and UART_485.
–
‘0’
RAS_CLK_SYNT2
–‘1’
PCLK
●
PERIP1_CLK_ENB REGISTER is a R/W register using to enable/disable the
peripheral.
–
In SPEAr300, there is a single uart_clkenb bit which enables and disables the
UART-1 clock.
–
In SPEAr600, there are 2 clock enable bits, uart1_clkenb and uart2_clkenb which
enable and disable the UART-1 and UART-2 clock, respectively.
Table 11.
Memory map on SPEAr300
Peripheral
Start address
End address
UART1
0xD000.0000
0xD007.FFFF
UART2
0xA300.0000
0xA3FF.FFFF
UART3
0xA400.0000
0xA4FF.FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com