Electronic Components Datasheet Search
  English  ▼

X  

AN3123 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3123
Description  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3123 Datasheet HTML 8Page - STMicroelectronics AN3123 Datasheet HTML 9Page - STMicroelectronics AN3123 Datasheet HTML 10Page - STMicroelectronics AN3123 Datasheet HTML 11Page - STMicroelectronics AN3123 Datasheet HTML 12Page - STMicroelectronics AN3123 Datasheet HTML 13Page - STMicroelectronics AN3123 Datasheet HTML 14Page - STMicroelectronics AN3123 Datasheet HTML 15Page - STMicroelectronics AN3123 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Changing the UART baud rate on the fly
AN3123
12/30
Doc ID 16862 Rev 2
4
Changing the UART baud rate on the fly
The baud rate and line control registers (UARTIBRD, UARTFBRD and UARTLCR_H) form a
single 30-bit wide register named UARTLCR, which is updated on a single write strobe
generated by a UARTLCR_H write. So, in order to change the baud rate of the UART on the
fly, you need to perform the following two steps:
1.
Modify the contents of the UARTIBRD and UARTFBRD registers as per the required
baud rate.
2.
Perform a dummy write to the UARTLCR_H register.
4.1
Baud rate related registers
●
UART INTEGER BAUD RATE REGISTER (UARTIBRD) is a 16-bit RW register which
indicates the integer part of the baud rate divisor value.
Offset Value: ‘h024
●
UART FRACTIONAL BAUD RATE REGISTER (UARTFBRD) is a 16-bit RW register
which indicates the fractional part of the baud rate divisor value.
Offset Value: ‘h028
●
UART LINE CONTROL REGISTER (UARTLCR_H) is a 16-bit RW register which
accesses bits 29 to 22 of the UART bit rate and line control register UARTLCR.
Offset Value: ‘h02C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com