Electronic Components Datasheet Search
  English  ▼

X  

AN3123 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3123
Description  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3123 Datasheet HTML 16Page - STMicroelectronics AN3123 Datasheet HTML 17Page - STMicroelectronics AN3123 Datasheet HTML 18Page - STMicroelectronics AN3123 Datasheet HTML 19Page - STMicroelectronics AN3123 Datasheet HTML 20Page - STMicroelectronics AN3123 Datasheet HTML 21Page - STMicroelectronics AN3123 Datasheet HTML 22Page - STMicroelectronics AN3123 Datasheet HTML 23Page - STMicroelectronics AN3123 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
DMA interface
AN3123
20/30
Doc ID 16862 Rev 2
8.2
DMA registers
●
UART DMA control register is a 16-bit read/write register. The bits of this register
enable and disable the DMA for the transmit and receive FIFOs. It also changes the
DMA request outputs when an UART error interrupt is asserted.
Offset Value: ‘h048
●
DMACConfiguration register is a RW register which is used to configure the
operation of the DMAC. It enables the DMAC.
Offset Value: 0x030
●
DMACIntTCClear (interrupt terminal count clear) register is a WO register which is
used to clear a terminal count interrupt request.
Offset Value: 0x008
●
DMACIntErrClr (interrupt error clear) REGISTER is a WO register which is used to
clear an error interrupt request.
Offset Value: 0x010
●
DMACCnSrcAddr (channel n source address) register is a RW register which
contains the current source address of the data to be transferred over the n-th DMA
channel.
Offset Value: 0x100 + (n · 0x020)
●
DMACCnDestAddr (channel n destination address) register is a RW register which
contains the current destination address of the data to be transferred over the n-th DMA
channel.
Offset Value: 0x104 + (n · 0x020)
●
DMACCnLLI (channel n linked list item) register is a RW register which contains the
address of the next Linked List Item (LLI). If next LLI is 0, then the current LLI is last in
the chain, and the DMA channel is disabled after all DMA transfers associated with it
are completed.
Offset Value: 0x108 + (n · 0x020)
●
DMACCnControl REGISTER is a RW register which contains control information
about the DMA channel n, such as transfer size, burst size and transfer width.
Offset Value: 0x10C + (n · 0x020)
●
DMACCnConfiguration REGISTER is a RW register which is used to configure the
relevant DMA channel.
Offset Value: 0x110 + (n · 0x020)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com