| Electronic Components Datasheet Search |
|
AN3123 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3123 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 30 page ![]() AN3123 UART interrupts Doc ID 16862 Rev 2 17/30 7.2.2 UARTTXINTR This interrupt is asserted when one of the following events occurs: ● If the FIFOs are enabled (FEN bit set to ‘b1 in UARTLCR_H register) and the Transmit FIFO reaches the programmed trigger level (TXIFLSEL in UARTIFLS register). The interrupt is then cleared by writing data to the Transmit FIFO until it becomes greater than the trigger level, or by clearing the interrupt (writing a ‘b1 to the corresponding bit of the UARTICR register). ● If the FIFOs are disabled and there is no data in the transmitter single location. The interrupt is then cleared by performing a single write to the Transmit FIFO, or by clearing the interrupt (writing a ‘b1 to the corresponding bit of the UARTICR register). 7.2.3 UARTRTINTR This interrupt is asserted when the Receive FIFO is not empty, and no further data is received over a 32-bit period. The interrupt is then cleared either when the Receive FIFO becomes empty through reading all the data (or by reading the holding register), or by clearing the interrupt (writing a ‘b1 to the corresponding bit of the UARTICR register). 7.2.4 UARTMSINTR It represents the modem status interrupt that is a combined interrupt of the four individual modem status lines (nUARTRI, nUARTCTS, nUARTDCS and nUARTDSR). This interrupt is then asserted if any of the modem status lines change. 7.2.5 UARTEINTR This error interrupt is triggered when there is an error in the reception of the data. The interrupt can be caused by a number of different error conditions, such as overrun, break, parity and framing. 7.2.6 UARTINTR It is the OR logical function of all the individual masked interrupt sources. That is, this interrupt is asserted if any of the individual interrupts are asserted and enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |