Electronic Components Datasheet Search
  English  ▼

X  

AN3132 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3132
Description  Configuring the SPEAr600
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3132 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3132 Datasheet HTML 7Page - STMicroelectronics AN3132 Datasheet HTML 8Page - STMicroelectronics AN3132 Datasheet HTML 9Page - STMicroelectronics AN3132 Datasheet HTML 10Page - STMicroelectronics AN3132 Datasheet HTML 11Page - STMicroelectronics AN3132 Datasheet HTML 12Page - STMicroelectronics AN3132 Datasheet HTML 13Page - STMicroelectronics AN3132 Datasheet HTML 14Page - STMicroelectronics AN3132 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN3132
Configuring SPEAr MPMC for a specific DDR memory part
Doc ID 16955 Rev 1
11/24
4
Configuring SPEAr MPMC for a specific DDR memory
part
Many timing parameters such as CAS latency, Trc, refresh timings etc. need to be fulfilled for
reliable DDR read/writes. These timing parameters become much more important at higher
frequencies like 333 MHz or 666 MT/seconds. You need to configure these timing
parameters in the MPMC registers at system startup before using DDR. Although almost all
DDR manufacturers fulfil the JEDEC specifications, still these timing parameters vary
slightly with different memory manufacturers and also for different memory parts within the
same DDR manufacturer. So you must program the SPEAr MPMC register to configure the
timing parameters based on the memory device and the clock frequency in use on the
application board.
For many MPMC registers, you need to convert the timings mentioned in the memory
datasheet to number of clock cycles according to the required frequency. After the
conversion, these values must be written to the correct bit field location in the right register
address of MPMC: this requires careful study.
To help you, ST provides a Web tool giving the complete MPMC register configuration for
SPEAr devices and for each selected DDR part.
Note:
To access the Web tool for generating the register configuration file, please contact your ST
representative.
You need to provide the following information:
1.
Product name, for example SPEAr600 or SPEAr300
2.
DDR part to be used
3.
Required DDR frequency
4.
CAS latency supported by the selected DDR part at the selected frequency
5.
Required burst length (fixed to 4 in case of DDR2)
The figure below shows a snapshot of the page of the Web tool.
Figure 3.
ST SPEAr600 configuration manager



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com