Electronic Components Datasheet Search
  English  ▼

X  

AN3132 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3132
Description  Configuring the SPEAr600
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3132 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3132 Datasheet HTML 14Page - STMicroelectronics AN3132 Datasheet HTML 15Page - STMicroelectronics AN3132 Datasheet HTML 16Page - STMicroelectronics AN3132 Datasheet HTML 17Page - STMicroelectronics AN3132 Datasheet HTML 18Page - STMicroelectronics AN3132 Datasheet HTML 19Page - STMicroelectronics AN3132 Datasheet HTML 20Page - STMicroelectronics AN3132 Datasheet HTML 21Page - STMicroelectronics AN3132 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Pad descriptions and configurations
AN3132
18/24
Doc ID 16955 Rev 1
Figure 4.
Data cell architecture
EN
TEN
DDR2V5
ENZI
ZI
PU2V5
PDN2V5
ODTRES
ODTEN
MODEZI2V5
REFSSTL
150
Ω
150
Ω
150
Ω
150
Ω
GND GNDE
PROGA2V5, PROGB2V5
TM
A
TA
ZOUTPROGA2V5
A0SRC2V5 to A6SRC2V5
for 1.8 V or 2.5 V
Compensation ASRC code
RTT = RVAL1/2 or RVAL2/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com