Electronic Components Datasheet Search
  English  ▼

X  

AN3132 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3132
Description  Configuring the SPEAr600
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3132 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3132 Datasheet HTML 16Page - STMicroelectronics AN3132 Datasheet HTML 17Page - STMicroelectronics AN3132 Datasheet HTML 18Page - STMicroelectronics AN3132 Datasheet HTML 19Page - STMicroelectronics AN3132 Datasheet HTML 20Page - STMicroelectronics AN3132 Datasheet HTML 21Page - STMicroelectronics AN3132 Datasheet HTML 22Page - STMicroelectronics AN3132 Datasheet HTML 23Page - STMicroelectronics AN3132 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Pad descriptions and configurations
AN3132
20/24
Doc ID 16955 Rev 1
7.1
SSTLPAD_CFG_CTR register configuration
The pads should be configured according to the type of memory in use (DDR1 or DDR2)
In the SSTLPAD_CFG_CTR register, Bits [19:16] and bit [0] are used in conjunction with
pin DDR2_EN to configure the pads in hardware or software mode.
●
Bits [19:16] = 0000: hardware configuration mode.
In this mode, the input level of the DDR2_EN pin selects the configuration
(DDR2_EN =1 = configuration for DDR2) and DDR_PAD register [0] is don’t care.
●
Bits [19:16] = 0110: software configuration mode.
In this mode, the value of DDR_PAD register [0] selects the configuration]
(1 = configuration for DDR2) and pin DDR2_EN is don’t care.
All other combinations are not allowed.
Bit [15] is a status bit and reflects the status of the pin DDR2_EN.
All the other combinations are not allowed.
All these settings establish the value for the pin DDR2V5 of pad data and clock cells and
configure them to operate properly on the basis of the memory type attached.
Bit [14] establishes the nature of the common reference for all SSTL pads.
0 = internal reference and
1 = external reference.
It is recommended to use an external reference to improve the stability.
Bit [12] decides the nature of the clock cells: fully differential (differential) or pseudo-
differential (single ended). This bit controls the pin STRB of the pad clock cell, but only for
the pads DDR_MEM_DQS [1:0] . When in DDR1 mode the bit 12 must be set to 1 to put the
pads in single ended mode.
For the pad DDR_MEM_CLKP/N the pin STRB is blocked to 0. These pads operate in
differential mode both in DDR1 and DDR2 operating mode.
Bits [11:10] respectively control the pull-up and the pull-down of pins PDNCLKB2V5 and
PUPCLKB2V5 of the pad clock cells for the DDR_MEM_DQS[1:0] pads.See Table 5 for the
settings.
Bits [9: 8] respectively control the pull-up and the pull-down of pins PDNCLK2V5 and
PUPCLK2V5 of the pad clock cells for the DDR_MEM_DQS[1:0] pads.See Table 5 for the
settings.
Bits [7: 6] respectively control the pull-up and the pull-down of pins PDNCLK2V5 and
PDNCLKB2V5 of the pad clock cell for the DDR_MEM_CLKP/N pads.See Table 5 for the
settings.
Bits [5: 4] control the pull-up and the pull-down of the pins PU2V5 and PDN2V5 of all pad
data cells.See Table 5 for the settings.
Table 5.
Pull-up and pull down settings
Bit pair value
Meaning
00
pull-down active and pull-up not active
01
forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com