Electronic Components Datasheet Search
  English  ▼

X  

AN3150 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3150
Description  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 8Page - STMicroelectronics AN3150 Datasheet HTML 9Page - STMicroelectronics AN3150 Datasheet HTML 10Page - STMicroelectronics AN3150 Datasheet HTML 11Page - STMicroelectronics AN3150 Datasheet HTML 12Page - STMicroelectronics AN3150 Datasheet HTML 13Page - STMicroelectronics AN3150 Datasheet HTML 14Page - STMicroelectronics AN3150 Datasheet HTML 15Page - STMicroelectronics AN3150 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Proximity sensing electrode design
AN3150
12/25
DocID17048 Rev 3
4
Proximity sensing electrode design
Each application has its specific proximity detection requirement. The design of the
proximity sensing electrode is the result of the performance target requirement integrating
application constraints.
To help proximity sensor integrators, the following chapters provide experimental results that
can be used as guidelines to design the proximity sensing electrodes.
These tests have been performed on STM8T141 or STM8T143. The absolute performance
values like the detection distance, depend on the detection threshold setting or system gain
that are specific to the application.
4.1
Ring, spiral, plain electrode design
The performance results presented in this application note were measured using electrodes
with basic shapes. The differences between these electrodes were obtained by changing
only one parameter at a time in order to clearly show each parameter impact.
The differences between electrodes highlight the influence of:
•
Electrode size with 5 mm, 10 mm, and 20 mm electrodes.
•
Electrode shape with plain, spiral, and loop electrodes.
•
Backside influences with grounded or non conductive electrode backside layers.
The PCB layouts used for these tests are shown in Figure 6.
•
Electrodes 1, 4 and 7 include square spiral electrode shape
•
Electrodes 2, 5 and 8 include square loop electrode
•
Electrodes 3, 6 and 9 include full plain square electrode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com