Electronic Components Datasheet Search
  English  ▼

X  

AN3150 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3150
Description  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 16Page - STMicroelectronics AN3150 Datasheet HTML 17Page - STMicroelectronics AN3150 Datasheet HTML 18Page - STMicroelectronics AN3150 Datasheet HTML 19Page - STMicroelectronics AN3150 Datasheet HTML 20Page - STMicroelectronics AN3150 Datasheet HTML 21Page - STMicroelectronics AN3150 Datasheet HTML 22Page - STMicroelectronics AN3150 Datasheet HTML 23Page - STMicroelectronics AN3150 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Temperature effect
AN3150
20/25
DocID17048 Rev 3
4.3.2
Test results
Figure 15. Detection distance versus electrode form factor
Figure 15. shows that the detection distance is not influenced by the length-over-width ratio
when the whole electrode is covered with the test object. Obviously the 14.1mm x 14.1mm
rectangle electrode will be easier to cover with a human hand than the 70.7mm x 2.8mm.
For all electrode shapes, the effect of the GND plane is similar.
5
Temperature effect
The temperature is an important parameter of the environment. This parameter has an
impact on the sensor signal. The signal variation induced by the temperature drift is
considered as a slow event and is compensated by the device “Environment Compensation
System”. Please refer to the product specification for more information.
The influence of the temperature is different and specific to each system implementation. It
is mainly related to the mechanical construction of the sensing electrode and the system
gain.
5.0.1
Test description
The system is placed in an environment chambers (ESPEC PL-2K) and tested in the -40° to
+90°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com