Electronic Components Datasheet Search
  English  ▼

X  

AN3150 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3150
Description  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 13Page - STMicroelectronics AN3150 Datasheet HTML 14Page - STMicroelectronics AN3150 Datasheet HTML 15Page - STMicroelectronics AN3150 Datasheet HTML 16Page - STMicroelectronics AN3150 Datasheet HTML 17Page - STMicroelectronics AN3150 Datasheet HTML 18Page - STMicroelectronics AN3150 Datasheet HTML 19Page - STMicroelectronics AN3150 Datasheet HTML 20Page - STMicroelectronics AN3150 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID17048 Rev 3
17/25
AN3150
Proximity sensing electrode design
24
4.2.1
test description
The dielectric thickness (T) between the electrode and GND plane varies form 0.2mm to
1.6mm (see Figure 10.).
Figure 10. Dielectric thickness
For each dielectric thickness, different electrode size from 50mm² to 250mm² have been
tested (see Figure 11.)
Figure 11. Test boards surfaces
MS31255V1
T
Epoxy
Sensing area
Electrode
GND plane
T (mm) = 0.2, 0.6, 0.8, 1, 1.2, 1.4, 1.6
MS31256V1
50 mm
2
100 mm
2
150 mm
2
200 mm
2
250 mm
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com