Electronic Components Datasheet Search
  English  ▼

X  

AN3150 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3150
Description  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 10Page - STMicroelectronics AN3150 Datasheet HTML 11Page - STMicroelectronics AN3150 Datasheet HTML 12Page - STMicroelectronics AN3150 Datasheet HTML 13Page - STMicroelectronics AN3150 Datasheet HTML 14Page - STMicroelectronics AN3150 Datasheet HTML 15Page - STMicroelectronics AN3150 Datasheet HTML 16Page - STMicroelectronics AN3150 Datasheet HTML 17Page - STMicroelectronics AN3150 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Proximity sensing electrode design
AN3150
14/25
DocID17048 Rev 3
6
Plain, 100mm2, no plane
Plain, 100mm2, ground plane
100mm2
0,84pF
4pF
0,32pF
7
Spiral, 25mm2, no plane
Spiral, 25mm2 ground plane
16,5mm2(1)
8
Loop, 25mm2, no plane
Loop, 25mm2, ground plane
10mm2(1)
9
Plain, 25mm2, no plane
Plain, 25mm2, ground plane
25mm2(1)
1. For the smallest electrode, CX values are not relevant due to their very low values.
Table 2. Electrode descriptions and characteristics
Electrodes
Description
(shape, size, plane)
Conductive
area
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com