Electronic Components Datasheet Search
  English  ▼

X  

AN3322 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 7Page - STMicroelectronics AN3322 Datasheet HTML 8Page - STMicroelectronics AN3322 Datasheet HTML 9Page - STMicroelectronics AN3322 Datasheet HTML 10Page - STMicroelectronics AN3322 Datasheet HTML 11Page - STMicroelectronics AN3322 Datasheet HTML 12Page - STMicroelectronics AN3322 Datasheet HTML 13Page - STMicroelectronics AN3322 Datasheet HTML 14Page - STMicroelectronics AN3322 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DocID18304 Rev 1
11/38
AN3322
Watt-hour meter using the STM32
Figure 3. Typical thermal noise present on STM32 meter platform. Histogram shows
noise equivalent to white Gaussian noise
Measured thermal noise (overall on the board) degrades the ADC resolution and accuracy
by 2 to 5 LSB. This means that the number of effective bits drops from 12 to less than 10.
To recover from this situation it is necessary to use techniques for NOEB (number of
effective bits) enhancement, see Section 1.9. Using oversampling requires, in some cases,
the addition of the dithering signal. According to the noise level found in this system, it is not
necessary to add the dithering signal. It's addition does not bring any enhancement in the
performance.
1.7
Crosstalk between subsequent multiplexed channels
When reading more channels subsequently with maximum speed, values sampled from the
subsequent channel may be influenced by the reading of the previous channel. This is
called crosstalk between subsequent multiplexed channels.
It is caused by the balance of external impedance and capacitance of a signal source and
an internal impedance and capacitance of the sample and hold circuit in the given ADC. The
longer the sample and hold phase, the lower the correlation between subsequent samples.
The technique to overcome this phenomenon presented in this section is based on reading
every channel in the sequence twice and only the second value is taken as the valid one.
The error is reduced from 0.07% of ADC full range to less than 0.0001%.
The total conversion time is calculated as follows:
Equation 5
Tconv = sampling time + 12.5 cycles
Example 2
With an ADCCLK = 14 MHz and a sampling time of 1.5 cycles:
Tconv_14MHz = 1.5 + 12.5 = 14 cycles = 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com