Electronic Components Datasheet Search
  English  ▼

X  

AN3322 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 14Page - STMicroelectronics AN3322 Datasheet HTML 15Page - STMicroelectronics AN3322 Datasheet HTML 16Page - STMicroelectronics AN3322 Datasheet HTML 17Page - STMicroelectronics AN3322 Datasheet HTML 18Page - STMicroelectronics AN3322 Datasheet HTML 19Page - STMicroelectronics AN3322 Datasheet HTML 20Page - STMicroelectronics AN3322 Datasheet HTML 21Page - STMicroelectronics AN3322 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Watt-hour meter using the STM32
AN3322
18/38
DocID18304 Rev 1
A standard computation of the decimation and RMS value computation
Equation 11
V (i) = 1/18 x SUM [U (i)]
URMS = 1/44 sqrt [V (i)]2
Computation with delayed division saving the computational power and the precision
Equation 12
VSUM = SUM [U (i)]
URMS = 1/÷44 x 1/÷18 x sqrt (SUM {SUM [U (i)] (y)}2)
The final value must be divided by 28.1424 (or 28142 if the values are in millivolts) or
multiplied by 0.035533 (or 0.000035533 if the values are in millivolts).
Figure 9. Voltage circuitry - calibration CU constant computation
1.10.2
RMS current - high gained
Current analog circuitry is described in detail in this section. Main phase current is
measured as a voltage on small resistance - shunt. The shunt (R142) converting current to
the voltage to be measured has a value of:
1.
200 µ
2.
400 µ
The voltage from the shunt is amplified by the first stage of the current amplification with
a gain of 50. For current that needs further gain, an additional gain of 10 is added.
If a path with the additional multiplication 10 is used, all the variables have index HG (high
gain). The complete gain is 50 x 10 = 500 times. The value obtained after the amplification
must be multiplied by OPAMPGAINHG in order to get the original value.
Equation 13
OPAMPGAINHG = 0.002
IAHG = CIHG x ILSBHG
where ILSB is the value in LSB from ADC and IA is the current in amperes.
CIHG = SHUNT400 x OPAMPGAINHG x LSB12-BIT x HG_IMPRECISION [A / LSB]
Where SHUNT400 and LSB12-BIT were defined in Section 1.1: STM32 ADC parameters.
HG_IMPRECISION is the imprecision and tolerance of the components used in the HG path
of analog circuitry; mainly resistors and soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com