Electronic Components Datasheet Search
  English  ▼

X  

AN3322 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 8Page - STMicroelectronics AN3322 Datasheet HTML 9Page - STMicroelectronics AN3322 Datasheet HTML 10Page - STMicroelectronics AN3322 Datasheet HTML 11Page - STMicroelectronics AN3322 Datasheet HTML 12Page - STMicroelectronics AN3322 Datasheet HTML 13Page - STMicroelectronics AN3322 Datasheet HTML 14Page - STMicroelectronics AN3322 Datasheet HTML 15Page - STMicroelectronics AN3322 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Watt-hour meter using the STM32
AN3322
12/38
DocID18304 Rev 1
Example 3
With the setting used in this application ADCCLK = 9 MHz and a sampling time of 1.5
cycles:
Tconv_9MHz = 1.5 + 12.5 = 14 cycles = 1.56 µs
TSampling_time = (1.5 cycles / 14 cycles) x 1.56 µs = 167 ns
Figure 4. Internal and external analog input pin capacitors and resistors
Equation 6
R129 = 820  and R137 = 820  (resistors between an output of op amp and an ADC input)
RAIN = R129 = R137 = 820 
ROpAmp = 80 
= RC = (RADC + RAIN) + ROpAmp) C = 1900  x 12 pF = 22.8 ns
Error % = 100 x exp. [-1 x (TSampling_time/ )]
From Table 3 it is recommended to use every second value sampled on the same channel.
This approach renders an error caused by this phenomenon negligible.
Table 2. STM32 ADC input characteristics specifications
Symbol
Parameter
Conditions Min.
Typ.
Max.
Unit
RADC
Sampling switch resistance
1
k
CADC
Internal sample and hold capacitor
12
pF
Table 3. Crosstalk between subsequent multiplexed channels
Number of the same channel readings [-]
Tconv [cycle / µs] TSampling_time [ns] Error [%]
1
1.5 / 1.55
167
0.07
2
3.0 / 3.10
334
0.00
3
4.5 / 4.65
501
0.00
4
6.0 / 6.20
668
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com