Electronic Components Datasheet Search
  English  ▼

X  

AN3322 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 15Page - STMicroelectronics AN3322 Datasheet HTML 16Page - STMicroelectronics AN3322 Datasheet HTML 17Page - STMicroelectronics AN3322 Datasheet HTML 18Page - STMicroelectronics AN3322 Datasheet HTML 19Page - STMicroelectronics AN3322 Datasheet HTML 20Page - STMicroelectronics AN3322 Datasheet HTML 21Page - STMicroelectronics AN3322 Datasheet HTML 22Page - STMicroelectronics AN3322 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DocID18304 Rev 1
19/38
AN3322
Watt-hour meter using the STM32
Since we want the smallest value to be 1 µA, we must multiply everything by 1.000.000
additionally.
No decimation, shifts or division are performed during computation in order to preserve
precision and reduce microcontroller computation. The correct multiplication or division is
done at the end of the whole computational chain.
The final value must be divided by 28.1424 (or 28142 if the values are in milliamperes) or
multiplied by 0.035533 (or 0.000035533 if the values are in milliamperes).
Figure 10. Current circuitry - calibration CI constant computation
1.10.3
RMS current - low gained
The basic gain of the current input is 50. There is an additional gain of 1. If the path with the
additional multiplication 1 is used, all the variables have index LG (low gain). The complete
gain is:
Equation 14
OPAMPGAINLG = 0.02
IALG = CILG x ILSBLG [A] = [A/LSB] x [LSB]
where ILSB is the value in LSB from ADC and IA is the current in amperes.
Equation 15
CILG = SHUNT400 x OPAMPGAINLG x LSB12-BIT x LG_IMPRECISION
where SHUNT400 and LSB12-BIT were defined in Section 1.1: STM32 ADC parameters.
LG_IMPRECISION is the imprecision and tolerance of the components used in the LG path
of analog circuitry; mainly resistors and soldering.
The final computation is described in Section 1.10.4: Power, Section 1.10.5: Energy, and
Section 1.10.6: Pulse output.
1.10.4
Power
Instant power is computed by:
Equation 16
p = i (t) x u (t)
PW = (CI x CU) x IIN x UIN
PW = CP x IIN x UIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com