Electronic Components Datasheet Search
  English  ▼

X  

AN3342 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 8Page - STMicroelectronics AN3342 Datasheet HTML 9Page - STMicroelectronics AN3342 Datasheet HTML 10Page - STMicroelectronics AN3342 Datasheet HTML 11Page - STMicroelectronics AN3342 Datasheet HTML 12Page - STMicroelectronics AN3342 Datasheet HTML 13Page - STMicroelectronics AN3342 Datasheet HTML 14Page - STMicroelectronics AN3342 Datasheet HTML 15Page - STMicroelectronics AN3342 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Reset control
AN3342
12/39
Doc ID 18461 Rev 3
4.2
Hardware reset implementation
The STM8TL5xxx does not require an external reset circuit to power-up correctly. Only a
pull-down capacitor is recommended (see Figure 3). However, charging/discharging the
pull-down capacitor through an internal resistor has a negative influence on the device
power consumption. Therefore, the recommended capacitor value of 100 nF can be
reduced down to 10 nF to limit such power consumption.
The STM8TL5xxx reset state is released 1 ms after the POR value (1.35 V to 1.65 V) is
reached. At this time, VDD should be in the 1.65 V to 3.6 V range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com