Electronic Components Datasheet Search
  English  ▼

X  

AN3342 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 13Page - STMicroelectronics AN3342 Datasheet HTML 14Page - STMicroelectronics AN3342 Datasheet HTML 15Page - STMicroelectronics AN3342 Datasheet HTML 16Page - STMicroelectronics AN3342 Datasheet HTML 17Page - STMicroelectronics AN3342 Datasheet HTML 18Page - STMicroelectronics AN3342 Datasheet HTML 19Page - STMicroelectronics AN3342 Datasheet HTML 20Page - STMicroelectronics AN3342 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AN3342
Recommendations
Doc ID 18461 Rev 3
17/39
6.5
Other signals
When designing an application, the following areas should be closely studied to improve
EMC performances:
●
Noisy signals (clock)
●
Sensitive signals (high impedance)
●
Signals for which a temporary disturbance affects operation of the application
permanently, for example, interrupts and handshaking strobe signals (but not LED
commands).
A surrounding VSS trace for such signals increases EMC performances, as does a shorter
length or absence of noisy and sensitive traces (crosstalk effect).
For digital signals, the best possible electrical margin must be reached for the two logical
states. Slow Schmitt triggers are recommended for eliminating parasitic states.
6.6
Unused I/Os and features
Microcontrollers are designed for a variety of applications, where often a particular
application does not use 100 % of the microcontroller resources.
To avoid unnecessary power consumption (especially important for battery powered
applications) and also to improve EMC performance, unused clocks, counters, or I/Os,
should not be left free, I/Os should be forced externally (pull-up or pull-down to the unused
I/O pins), and unused functions should be ‘frozen’ or disabled.
Alternatively, unused I/Os can be programmed as push-pull ‘low’ to keep them at a defined
level without using external components. However in this case, the I/O is not driven during
the power up phase, until the I/O is configured. This can add a little extra power
consumption, and may be undesirable in very power sensitive applications.
The unused PXS_RX pins should follow the same rule and can be driven to VSS by resetting
the PXS_RXINSR register.
6.6.1
20-pin package
A special care of I/O configuration must be taken with STM8TL5xFx devices. The port A, B
and D I/Os are not all configured by default as it is the case on 28-pin packages.
The user code must configure PA6, PA7, PD2, PD3, PD7 as output push pull low level. It is
recommended to program all the unused I/Os to push-pull 'low level' even the ones not
present in the device. While accessing to the GPIO registers, it is strongly recommended to
mask the unused bit in order not to change their configuration or state.
Concerning the PXS_RX: PXS_RXENRH and PXS_RXINSRH (and more generally all the
MSByte of the register related to PxS_RX and PXS_TX) must be kept clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com