Electronic Components Datasheet Search
  English  ▼

X  

AN3342 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 12Page - STMicroelectronics AN3342 Datasheet HTML 13Page - STMicroelectronics AN3342 Datasheet HTML 14Page - STMicroelectronics AN3342 Datasheet HTML 15Page - STMicroelectronics AN3342 Datasheet HTML 16Page - STMicroelectronics AN3342 Datasheet HTML 17Page - STMicroelectronics AN3342 Datasheet HTML 18Page - STMicroelectronics AN3342 Datasheet HTML 19Page - STMicroelectronics AN3342 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Recommendations
AN3342
16/39
Doc ID 18461 Rev 3
6
Recommendations
6.1
Printed circuit board
For technical reasons, it is best to use a multi-layer PCB with a separate layer dedicated to
the VSS and another layer to the VDD supply. This results in a good decoupling, as well as a
good shielding effect. For many applications, economic requirements prohibit the use of this
type of board. In this case, the most important requirement is to ensure a good structure for
the VSS and power supply.
6.2
Component position
A preliminary layout of the PCB must separate the different circuits according to their
electromagnetic interference (EMI) contribution. This reduces cross-coupling on the PCB,
for instance, noisy, high-current circuits, low voltage circuits, and digital components.
6.3
Ground and power supply (VSS, VDD, VSSIO, VDDIO)
The VSS should be distributed individually to every block (noisy, low level sensitive, and
digital) with a single point for gathering all ground returns. Loops must be avoided or have a
minimum surface. The power supply should be implemented close to the ground line to
minimize the surface of the supply loop. This is due to the fact that the supply loop acts as
an antenna, and is therefore the main emitter and receiver of EMI. All component-free
surfaces of the PCB must be filled with additional grounding to create a kind of shield
(especially when using single-layer PCBs).
6.4
Decoupling
The standard decoupler for the external power is a 1 µF capacitor. Supplementary 100 nF
capacitors must be placed as close as possible to the VSS/VDD and VSSIO/VDDIO pins of the
microcontroller to reduce the area of the current loop.
As a general rule, decoupling all sensitive or noisy signals improves electromagnetic com-
patibility (EMC) performances.
There are two types of decouplers:
●
Capacitors close to components. Inductive characteristics, which apply to all capacitors
beyond a certain frequency, must be taken into account. If possible, parallel capacitors
with decreasing values (0.1, 0.01,... µF) should be used.
●
Inductors. Although often ignored, ferrite beads, for example, are excellent inductors
due to their good dissipation of EMI energy and there is no loss of DC voltage (which is
not the case when simple resistors are used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com