Electronic Components Datasheet Search
  English  ▼

X  

AN3342 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 14Page - STMicroelectronics AN3342 Datasheet HTML 15Page - STMicroelectronics AN3342 Datasheet HTML 16Page - STMicroelectronics AN3342 Datasheet HTML 17Page - STMicroelectronics AN3342 Datasheet HTML 18Page - STMicroelectronics AN3342 Datasheet HTML 19Page - STMicroelectronics AN3342 Datasheet HTML 20Page - STMicroelectronics AN3342 Datasheet HTML 21Page - STMicroelectronics AN3342 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Reference design
AN3342
18/39
Doc ID 18461 Rev 3
7
Reference design
7.1
Component references
Table 2.
Component list
ID
Component name
Reference
Quantity
Comments
1
Microcontroller
STM8TL5xxx
1
Refer to the ‘pinouts and pin description’
and ‘package characteristics’ sections of
the STM8TL5xxx datasheets, to choose
the right package
2
Battery
1.65 V to 3.6 V
1
3
Capacitor
1 µF
1
Decoupling capacitor
4
Capacitor
1 µF
Low ESR (
 1 )
1
Decoupling capacitor for the PXS
regulator
5
Capacitor
100 nF
2
Ceramic capacitor (decoupling capacitor)
Components below are optional
6
SWIM connector
4 pins
1
7Resistor
1K
n
Serial resistors for PXS_TX and
PXS_RX pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com