Electronic Components Datasheet Search
  English  ▼

X  

AN3433 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 7Page - STMicroelectronics AN3433 Datasheet HTML 8Page - STMicroelectronics AN3433 Datasheet HTML 9Page - STMicroelectronics AN3433 Datasheet HTML 10Page - STMicroelectronics AN3433 Datasheet HTML 11Page - STMicroelectronics AN3433 Datasheet HTML 12Page - STMicroelectronics AN3433 Datasheet HTML 13Page - STMicroelectronics AN3433 Datasheet HTML 14Page - STMicroelectronics AN3433 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AN3433
Management of CR95HF or STRFNFCA activity
Doc ID 019046 Rev 2
11/34
2.5
Optimizing wakeup conditions
Using the Wakeup source register, it is possible to cumulate sources for a wakeup event. It
is strongly recommended to always set an external event as a possible wakeup source.
To cumulate wakeup sources, simply set the corresponding bits in the wakeup source
register. For example, to enable a wakeup when a tag is detected (bit 1 set to ‘1’) or on a low
pulse on pin IRQ_IN (bit 3 set to ‘1’), set the register to 0x0A.
2.5.1
Wakeup source register
Wakeup conditions are defined in the 8-bit wakeup condition register. These bits select one
or several external conditions to be evaluated by the device in order to exit Idle mode.
Bit 0: When set, the device will wake up and return to Ready state at the end of a predefined
cycle. The Time Out (TO) value is defined by the Max sleep and Wake Up period:
TO = (MaxSleep *(WuPeriod+1)*RT or RT= 256*tLFO = 8 ms
This bit must be set when using the timer as a possible wakeup source. It must be set during
Tag Detection Calibration to force a wakeup after the first Tag Detection trial.
Bit 1: When set, the device will wake up when a Tag is detected in the RF field. This bit must
also be set during Tag Detection Calibration or during Tag Detection (when the RF field is
active).
Bit 2: This bit is RFU.
Bit 3: When set, the device will wake up when an external interrupt (low level on pin IRQ_IN)
is detected. This is useful for SPI communications.
It is recommended to set this bit to ‘1’ in order to recover in the event of a system crash.
Bit 4: When set, the device will wake up when an external interrupt (low level on pin
|SPI_SS) is detected. This is useful for UART communication.
Bits [7:5] These bits are RFU.
Cumulation of wakeup conditions
The wakeup conditions selected in the Wakeup condition register can be cumulated.
When the device returns to Ready state, it is possible to use the RdReg command to read
the Wakeup condition register to know which event caused the device to wake up from Idle
mode.
Read Wakeup condition register:
08 03 62 01 00
Reply (‘xx’ represent the Wakeup condition register bits):
00 01 xx
This information is used after each iteration during the Tag Detection Calibration process to
determine the CalRef level. This level corresponds to the switching of the bits in the Wakeup
condition register from 0x02 (Tag Detector) to 0x01 (TimeOut) when using the device
previously calibrated in a free-air environment (no tags present).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com