Electronic Components Datasheet Search
  English  ▼

X  

AN3433 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 22Page - STMicroelectronics AN3433 Datasheet HTML 23Page - STMicroelectronics AN3433 Datasheet HTML 24Page - STMicroelectronics AN3433 Datasheet HTML 25Page - STMicroelectronics AN3433 Datasheet HTML 26Page - STMicroelectronics AN3433 Datasheet HTML 27Page - STMicroelectronics AN3433 Datasheet HTML 28Page - STMicroelectronics AN3433 Datasheet HTML 29Page - STMicroelectronics AN3433 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Tag Detection Calibration process
AN3433
26/34
Doc ID 019046 Rev 2
Appendix B
Tag Detection Calibration process
The Tag Detection Calibration process must be performed when the application is initialized.
A fast and efficient dichotomist flow in 8 steps is proposed to achieve best results.
Before starting this flow, the user must define its basic setup which consists in defining the
following parameters using the Idle command. These parameters are described in
Section 2.3: Idle command parameters on page 9.
When using the CR95HF or STRFNFCA demoboard and development kit, the following
values are recommended:
●
Wakeup condition:
0x03 (tag detection or timeout)
●
EnterCtrlL/EnterCtrlH, WUCtrlL/WUCtrlH, and LeaveCtlL/LeaveCtrlH values define
internal parameters settings during the tag detection process. We recommend:
>>> 0xA1 00 F8 01 18 00
●
MaxSleep: MUST be set to ‘01’ in Tag Detection Calibration process for immediate
wakeup. This means that only one detection impulse will be sent and immediately
afterwards the device will exit Tag Detection Calibration mode.
●
Oscillator and DAC stabilization times. We recommend:
0x60
●
Number of 13.56 MHz swings during tag detection (SwingsCnt), we recommend using
0x3F to obtain a good reproducibility of measurements.
●
WakeUp period. This parameter is not used during the Tag Detection Calibration
process.
●
The Host can then use the RdReg command to read the Wakeup condition register to
determine the cause of the wakeup or check the reply code.
A basic Tag Detection Calibration command is:
>>> 0x 07 0E 03 A1 00 F8 01 18 00 20 60 60 00 xx 3F 01
B.1
Tag Detection Calibration algorithm
To determine the RF Field reference level (CalRef) corresponding to your application setup,
you must use the Tag Detection Calibration function (TagCal).
For calibration purposes, parameters are set to execute only one RF field evaluation before
leaving Tag Detection state.
This is achieved by setting the WU condition parameter to
0x03 (wakeup upon timeout or
tag detection) and the MaxSleep value to
0x01 forcing the CR95HF or STRFNFCA to leave
the Tag Detection state after only one attempt.
The value of the Wakeup flag is updated to the following value each time the device leaves
Tag Detection state.
Here, the
WakeUp_n variable corresponds to the third byte of the device Idle command
reply.
If the measured antenna current is between DacDataL and DacDataH, the wakeup
event will be a timeout:
WakeUp_n = 1
If the measured antenna current is less than DacDataL or greater than DacDataH, the
wakeup event will be a tag detection:
WakeUp_n = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com