Electronic Components Datasheet Search
  English  ▼

X  

AN3433 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 8Page - STMicroelectronics AN3433 Datasheet HTML 9Page - STMicroelectronics AN3433 Datasheet HTML 10Page - STMicroelectronics AN3433 Datasheet HTML 11Page - STMicroelectronics AN3433 Datasheet HTML 12Page - STMicroelectronics AN3433 Datasheet HTML 13Page - STMicroelectronics AN3433 Datasheet HTML 14Page - STMicroelectronics AN3433 Datasheet HTML 15Page - STMicroelectronics AN3433 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Management of CR95HF or STRFNFCA activity
AN3433
12/34
Doc ID 019046 Rev 2
2.6
Using various techniques to return to Ready state
The Idle command and reply set offers several benefits to users by enabling various
methods to return the CR95HF or STRFNFCA to Ready state. Some methods are nearly
automatic, such as waiting for a timer overflow or a tag detection, but others consume more
power compared to the ones requesting a host action. A description of each method follows
below.
2.6.1
Default setting: from POR to Ready state
After power-on, the CR95HF or STRFNFCA enters Power-up state.
To wake up the device and set it to Ready state, the user must send a low pulse on the
IRQ_IN pin. The device then automatically selects the external interface (SPI or UART) and
enters Ready state and is able to accept commands after a delay of approximately 3 ms.
2.6.2
From Ready state to Hibernate state and back to Ready state
In Hibernate state, most resources are switched off to achieve an ultra-low power
consumption.
The only way the CR95HF or STRFNFCA can wake up from Hibernate state is by an
external event (low pulse on pin IRQ_IN).
A basic Idle command is:
>>>0x07 0E 08 04 00 04 00 18 00 00 00 00 00 00 00 00
Note:
The Wakeup flag value is NOT significant when returning to Ready state from Hibernate
state or after a POR.
2.6.3
From Ready state to Sleep state and back to Ready state
Wake up by external event (low pulse on IRQ_IN or SPI_SS pin)
In Sleep or Power-up states, operating resources are limited in function of the selected
wakeup source to achieve a moderate power consumption level.
An Idle command example when wakeup source is pin IRQ_IN:
>>>0x07 0E 08 01 00 38 00 18 00 00 60 00 00 00 00 00
A similar command can be implemented using pin SPI_SS as a wakeup source:
>>>0x07 0E 10 01 00 38 00 18 00 00 60 00 00 00 00 00
Wakeup by Timeout
The LFO is required to use the timer. However, this increases the typical power consumption
by 80 µA. Several parameters can be modified to reduce power consumption as much as
possible.
The Duration before Timeout is defined by parameters WU period and MaxSleep,
respectively 0x60 and 0x08 in the following example.
Duration before Timeout = 256 * tL * (WU period + 2) * (MaxSleep + 1)
Note:
Note that: 0x00 < MaxSleep < 0x1F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com