Electronic Components Datasheet Search
  English  ▼

X  

AN3433 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 14Page - STMicroelectronics AN3433 Datasheet HTML 15Page - STMicroelectronics AN3433 Datasheet HTML 16Page - STMicroelectronics AN3433 Datasheet HTML 17Page - STMicroelectronics AN3433 Datasheet HTML 18Page - STMicroelectronics AN3433 Datasheet HTML 19Page - STMicroelectronics AN3433 Datasheet HTML 20Page - STMicroelectronics AN3433 Datasheet HTML 21Page - STMicroelectronics AN3433 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Power consumption considerations
AN3433
18/34
Doc ID 019046 Rev 2
3.2
Transition from Ready to Sleep state
This transition ensures low power consumption as well as a fast recovery (switch to Ready
state).
When the CR95HF or STRFNFCA receives an Idle command with the Sleep option, it only
partially disables its resources. In this state, power consumption will decrease from 2.5 mA
to approximately 20 µA.
The device can wake up from Idle state only at the end of pre-defined timeout or by an
external event (pin IRQ_IN or SPI_SS goes low).
A basic Idle command used to wake up the device at the end of pre-defined timeout is:
>>> 0x07 0E 01 01 00 38
00 18 00 60 00 00 00 00 00 00
In this example, the timer uses only the LF oscillator. The timeout period is defined by the
following command parameters:
TO = 256*tLFO*WuPeriod*MaxSleep
A basic Idle command used to wake up the device by an external event (pin IRQ_IN) is:
>>> 0x07 0E 08 01 00 38
00 18 00 60 00 00 00 00 00 00
A basic Idle command used to wake up the device by an external event (pin SPI_SS) is:
>>> 0x07 0E 10 01 00 38
00 18 00 60 00 00 00 00 00 00
The device will only send its response after having returned to Ready state after an external
event is detected.
When the device wakes up from Sleep state, it restarts the external oscillator and all other
resources, including the selected communication interface, before returning to Ready state
and waiting for a new command.
In certain cases (mainly when using the UART), it may be necessary to use an Echo
command to re-synchronize the host and CR95HF or STRFNFCA device.
3.3
Wakeup by Tag Detection
The Tag Detection process requires the temporary use of internal resources such as the
13.56-MHz HF oscillator or the DAC which are usually switched off in WFE mode and only
turned on during an RF burst emission to determine if tag entered the device operating
range.
The delay (tINACTIVE) between two RF burst emissions is defined in the Idle command by the
WuPeriod parameter.
For a complete description of the Tag Detection process, see Appendix A: Tag detection
principle.
tINACTIVE = (WuPeriod+1)*tREF
In the example shown in Figure 4:
tINACTIVE = (32+1)*8 ms = 264 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com