Electronic Components Datasheet Search
  English  ▼

X  

AN3433 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 12Page - STMicroelectronics AN3433 Datasheet HTML 13Page - STMicroelectronics AN3433 Datasheet HTML 14Page - STMicroelectronics AN3433 Datasheet HTML 15Page - STMicroelectronics AN3433 Datasheet HTML 16Page - STMicroelectronics AN3433 Datasheet HTML 17Page - STMicroelectronics AN3433 Datasheet HTML 18Page - STMicroelectronics AN3433 Datasheet HTML 19Page - STMicroelectronics AN3433 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Power consumption considerations
AN3433
16/34
Doc ID 019046 Rev 2
3
Power consumption considerations
This chapter describes the advantages and benefits for using the various Idle command
parameters to select the best wakeup configuration for your device to ensure optimal power
consumption for your application.
The previous chapter describes how to use the Idle command to set the device from Ready
to one of the three WFE modes (Hibernate, Sleep, and Tag Detector). The following sections
describe the various wakeup processes for the selected WFE mode.
3.1
Transition from Ready to Hibernate state
Hibernate state consumes the least amount of power of all the possible device states.
Only an Idle command can set the device from Ready state to Hibernate state. After
receiving the Hibernate command via the SPI bus, the device (Figure 2) stops the oscillator
and analog resources and the device enters Hibernate state.
A basic Idle command to set the device from Ready state to Hibernate state is:
>>> 0x07 0E 08 04 00 04 00 18 00 00 00 00 00 00 00 00
In Hibernate state, the device minimizes its power consumption by disabling most of its
resources before stopping the external oscillator. In this state, power consumption will
decrease from approximately 2.5 mA to less than 2 µA.
The only way the device can wakeup from Hibernate state is by an external event (pin
IRQ_IN goes low).
The device will only send its response after having returned to Ready state after an external
event is detected.
When the device wakes up from Hibernate state (Figure 3), it restarts the external oscillator
and all other resources, including the selected communication interface, before returning to
Ready state and waiting for a new command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com