Electronic Components Datasheet Search
  English  ▼

X  

AN3960 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 8Page - STMicroelectronics AN3960 Datasheet HTML 9Page - STMicroelectronics AN3960 Datasheet HTML 10Page - STMicroelectronics AN3960 Datasheet HTML 11Page - STMicroelectronics AN3960 Datasheet HTML 12Page - STMicroelectronics AN3960 Datasheet HTML 13Page - STMicroelectronics AN3960 Datasheet HTML 14Page - STMicroelectronics AN3960 Datasheet HTML 15Page - STMicroelectronics AN3960 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Protecting against ESD
AN3960
12/21
Doc ID 022082 Rev 1
Equation 1
Where p is the pressure in atmospheres and d is the distance in millimetres.
This spark gap can be expected to have a peak voltage of about 2000-2500 V.
Figure 3.
PCB with spark gap
1.
The contact area of this spark gap needs to be free of solder resist, in order to function as a spark gap.
3.3
Ground rings
To protect against ESD stress on the touch sensing surface, a low impedance path to
ground must exist through the device. The touch sensor can be protected using a ground
ring (also called a guard ring) which is a ring around all the system electrodes (see Figure 4:
Ground ring). It is placed in the border area. The ground ring can be a simple metal foil. It is
necessary to ensure that there is a firm connection between the ground ring and the device
system ground.
If the product is densely packed, it may not be possible to prevent an ESD stress.
Consequently, the touch sensing device can be protected by controlling where the discharge
occurs. This can be achieved through a combination of the:
●
PCB layout
●
Mechanical layout of the system
●
Conductive tape or other shielding material
These three items avoid an ESD stress reaching the electrodes (and therefore the MCU)
because they form a sufficient shield. For example, an ESD stress goes directly to ground if
it occurs in the ground ring.
As recommended in “PCB Layout Guidelines”, providing a hatched ground plane around the
touchkey or rotary or linear sensors (other types of electrode with different shapes) can
redirect the ESD stress away from the electrodes and touch sensing device.
V
3000
p
×
d
×
() 1350
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com