Electronic Components Datasheet Search
  English  ▼

X  

AN3960 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 10Page - STMicroelectronics AN3960 Datasheet HTML 11Page - STMicroelectronics AN3960 Datasheet HTML 12Page - STMicroelectronics AN3960 Datasheet HTML 13Page - STMicroelectronics AN3960 Datasheet HTML 14Page - STMicroelectronics AN3960 Datasheet HTML 15Page - STMicroelectronics AN3960 Datasheet HTML 16Page - STMicroelectronics AN3960 Datasheet HTML 17Page - STMicroelectronics AN3960 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Protecting against ESD
AN3960
14/21
Doc ID 022082 Rev 1
3.5
Adding diodes
Input/output lines that are susceptible to ESD stress are sometimes protected by adding
‘external’ diodes which shunt the high energy of the ESD stress before it can reach the
device input pin. These diodes may either pass the current to the power supply rails or they
may internally dissipate the unwanted power. External diodes are similar to the diodes built
into a device (internal diodes) for protection but, they are designed differently. External
diodes have two significant advantages:
●
They can switch faster and at a lower excursion voltage than the internal diodes of the
device.
●
They can have much better connections to the supply rails and can carry more power.
The effects of external diodes on circuit operation are different from internal diodes,
because the connections used internally cannot be achieved with external devices.
Two types of protection diode are typically used against ESD stress. Zener diodes or
transient voltage suppression (TVS) avalanche diodes can be placed between an input
signal and ground. In this configuration, the diode protects the CMOS input by reverse
conduction whenever its voltage rises above the specified diode breakdown voltage.
Negative ESD excursions are shunted to ground through normal diode action. In another
configuration, diode pairs (typically Schottky diodes due to their lower forward voltage drop)
are placed between the input line and the power and ground rails. These devices protect the
CMOS input by normal diode conduction whenever the input line voltage moves outside the
range of the power supply rails.
Diodes placed on capacitive sensed lines present the same problems to capacitive sensing
circuits as they do with any analog circuit input: they can be highly capacitive (over 100 pF)
and leaky. Some Schottky pairs leak over 20 µA; some avalanche diodes leak over 1 mA
when operated near their reverse-standoff voltage (generating significant noise voltage as
well). Although these given numbers are for the least suitable devices, the most commonly-
used Schottky and TVS diodes have parasitic parameters that make them unacceptable for
use in capacitive sensing applications. If the diode circuit can be designed to add only a very
small amount of additional capacitance, capacitance sensing solutions can be adjusted to
match. This is because compensation mechanisms are usually built into the touch sensing
device for adaptation to the naturally-occurring changes in capacitance that result from
environmental changes. However, leakage and bulk capacitance can create problems for
any sort of capacitive sensing method, some more than others.
External diodes with high reverse leakage make the test capacitance look larger because
their leakage drains test current from the circuit. This disappearing test current (which
should fill the capacitance under test) has no dV/dt effect on the test load. As diode leakage
currents approach the level of the test current, the apparent load capacitance approaches
infinity. Also, the amount of current required to detect a 0.1 pF change in capacitance is less
than 20 pA, many orders of magnitude less than the leakage current for some protection
diodes. For this reason, where external diodes must be used, it is essential to specify
devices with extremely low reverse leakage.
The ESDAULC6 diode from STMicroelectronics was designed to resist multiple ESD
stresses. It has low capacitance (1 pF) and low leakage (less than 100 nA), both of which
reduce the problems encountered when using Schottky protection diodes. The bidirectional
protection ESDAXLC6 diode, with even lower capacitance (0.5 pF), can be used instead of
the ESDAULC6 diode to prevent the occurrence of negative and positive pulses.
Note:
Although small and inexpensive, an external diode circuit can be two to four times larger and
four times more expensive than adding a serial resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com