Electronic Components Datasheet Search
  English  ▼

X  

AN3960 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 13Page - STMicroelectronics AN3960 Datasheet HTML 14Page - STMicroelectronics AN3960 Datasheet HTML 15Page - STMicroelectronics AN3960 Datasheet HTML 16Page - STMicroelectronics AN3960 Datasheet HTML 17Page - STMicroelectronics AN3960 Datasheet HTML 18Page - STMicroelectronics AN3960 Datasheet HTML 19Page - STMicroelectronics AN3960 Datasheet HTML 20Page - STMicroelectronics AN3960 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
STM8T142-EVAL evaluation board: ESD tests
AN3960
18/21
Doc ID 022082 Rev 1
4.2
Test results
Table 4.
ESD discharges for tested STM8T142-EVAL evaluation board
Test condition
ESD stress through contact
on the electrode(1)
1.
The ESD stress corresponds to the limit of normal system operation (detection of touch).
ESD stress through the air
No protection
8 kV
-
With through hole resistor
12 kV
-
With through hole resistor
and spark gap
> 25 kV
> 25 kV
With glass panel
(0.55 mm thickness)
12 kV
‐



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com